Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCT50N120 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SCT50N120
Description  High voltage DC-DC converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT50N120 Datasheet(HTML) 5 Page - STMicroelectronics

  SCT50N120 Datasheet HTML 1Page - STMicroelectronics SCT50N120 Datasheet HTML 2Page - STMicroelectronics SCT50N120 Datasheet HTML 3Page - STMicroelectronics SCT50N120 Datasheet HTML 4Page - STMicroelectronics SCT50N120 Datasheet HTML 5Page - STMicroelectronics SCT50N120 Datasheet HTML 6Page - STMicroelectronics SCT50N120 Datasheet HTML 7Page - STMicroelectronics SCT50N120 Datasheet HTML 8Page - STMicroelectronics SCT50N120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SCT50N120
Electrical characteristics
DocID027989 Rev 4
5/11
2.1
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics (TJ= 25 °C)
Figure 5: Output characteristics (TJ= 150 °C)
Figure 6: Output characteristics (TJ= 200 °C)
Figure 7: Transfer characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com