Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCT50N120 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SCT50N120
Description  High voltage DC-DC converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT50N120 Datasheet(HTML) 1 Page - STMicroelectronics

  SCT50N120 Datasheet HTML 1Page - STMicroelectronics SCT50N120 Datasheet HTML 2Page - STMicroelectronics SCT50N120 Datasheet HTML 3Page - STMicroelectronics SCT50N120 Datasheet HTML 4Page - STMicroelectronics SCT50N120 Datasheet HTML 5Page - STMicroelectronics SCT50N120 Datasheet HTML 6Page - STMicroelectronics SCT50N120 Datasheet HTML 7Page - STMicroelectronics SCT50N120 Datasheet HTML 8Page - STMicroelectronics SCT50N120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
April 2017
DocID027989 Rev 4
1/11
This is information on a product in full production.
www.st.com
SCT50N120
Silicon carbide Power MOSFET 1200 V, 65 A,
59 mΩ (typ., TJ=150 °C) in an HiP247™ package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Very tight variation of on-resistance vs.
temperature
Very high operating junction temperature
capability (TJ = 200 °C)
Very fast and robust intrinsic body diode
Low capacitance
Applications
Solar inverters, UPS
Motor drives
High voltage DC-DC converters
Switch mode power supplies
Description
This silicon carbide Power MOSFET is produced
exploiting the advanced, innovative properties of
wide bandgap materials. This results in
unsurpassed on-resistance per unit area and
very good switching performance almost
independent of temperature. The outstanding
thermal properties of the SiC material allows
designers to use an industry-standard outline
with significantly improved thermal capability.
These features render the device perfectly
suitable for high-efficiency and high power
density applications.
Table 1: Device summary
Order code
Marking
Package
Packaging
SCT50N120
SCT50N120
HiP247™
Tube
AM01475v1_noZen
D(2, TAB)
G(1)
S(3)


Similar Part No. - SCT50N120

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCT55A10W5FSN30A SUPERWORLD-SCT55A10W5FSN30A Datasheet
548Kb / 3P
Wireless Charging Transmitting Coil/Shield
logo
Cornell Dubilier Electr...
SCT564K102D3B25-F CDE-SCT564K102D3B25-F Datasheet
417Kb / 3P
Snubber Film Capacitor
logo
Kemet Corporation
SCT56X-400-S2R4B009JH KEMET-SCT56X-400-S2R4B009JH Datasheet
1,007Kb / 8P
Common Mode SC56X Coils, SCF56X Series & SCT56X Series, Three-Phase Series
SCT56X-400-S2R4B009JV KEMET-SCT56X-400-S2R4B009JV Datasheet
1,007Kb / 8P
Common Mode SC56X Coils, SCF56X Series & SCT56X Series, Three-Phase Series
SCT56X-450-S2R0B008JV KEMET-SCT56X-450-S2R0B008JV Datasheet
1,007Kb / 8P
Common Mode SC56X Coils, SCF56X Series & SCT56X Series, Three-Phase Series
More results

Similar Description - SCT50N120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DV200-27000S ETC-DV200-27000S Datasheet
187Kb / 10P
HIGH RELIABILITY DC-DC CONVERTERS
logo
Emerson Network Power
SXN15 EMERSON-NETWORKPOWER-SXN15 Datasheet
124Kb / 2P
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters
logo
Kersemi Electronic Co.,...
IRFU3410PBF KERSEMI-IRFU3410PBF Datasheet
3Mb / 11P
High frequency DC-DC converters
logo
International Rectifier
IRFS31N20DTRLP IRF-IRFS31N20DTRLP Datasheet
296Kb / 12P
High Frequency DC-DC converters
logo
Toshiba Semiconductor
TK20P04M1 TOSHIBA-TK20P04M1 Datasheet
243Kb / 9P
DC-DC Converters Switching Voltage Regulators
logo
International Rectifier
IRF7450PBF IRF-IRF7450PBF_15 Datasheet
181Kb / 8P
High frequency DC-DC converters
logo
XP Power Limited
C01 XPPOWER-C01 Datasheet
981Kb / 12P
MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
CB101 XPPOWER-CB101 Datasheet
495Kb / 7P
MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
STMicroelectronics
SCT10N120 STMICROELECTRONICS-SCT10N120 Datasheet
791Kb / 14P
High voltage DC-DC converters
23-May-2016
logo
Torex Semiconductor
XC9307 TOREX-XC9307 Datasheet
846Kb / 22P
Negative Output Voltage DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com