Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STFI13NK60Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STFI13NK60Z
Description  N-channel 600 V, 0.48 Ω, 13 A, Zener-protected SuperMESH™Power MOSFET in I²PAKFP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI13NK60Z Datasheet(HTML) 1 Page - STMicroelectronics

  STFI13NK60Z Datasheet HTML 1Page - STMicroelectronics STFI13NK60Z Datasheet HTML 2Page - STMicroelectronics STFI13NK60Z Datasheet HTML 3Page - STMicroelectronics STFI13NK60Z Datasheet HTML 4Page - STMicroelectronics STFI13NK60Z Datasheet HTML 5Page - STMicroelectronics STFI13NK60Z Datasheet HTML 6Page - STMicroelectronics STFI13NK60Z Datasheet HTML 7Page - STMicroelectronics STFI13NK60Z Datasheet HTML 8Page - STMicroelectronics STFI13NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
March 2012
Doc ID 018969 Rev 3
1/13
13
STFI13NK60Z
N-channel 600 V, 0.48
Ω, 13 A, Zener-protected SuperMESH™
Power MOSFET in I²PAKFP package
Datasheet — production data
Features
Fully insulated and low profile package with
increased creepage path from pin to heatsink
plate
Gate charge minimized
Very low intrinsic capacitance
Applications
Switching applications
Description
This device is an N-channel Zener-protected
Power MOSFET developed using
STMicroelectronics' SuperMESH™ technology,
achieved through optimization of ST's well
established strip-based PowerMESH™ layout. In
addition to a significant reduction in on-
resistance, this device is designed to ensure a
high level of dv/dt capability for the most
demanding applications.
Figure 1.
Internal schematic diagram
Order code
VDSS
RDS(on)
max
ID
PTOT
STFI13NK60Z
600 V
<0.55
Ω
13 A
35 W
PAKFP
2
I
1
2
3
(TO-281)
D(2)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order code
Marking
Package
Packaging
STFI13NK60Z
13NK60Z
I²PAKFP
(TO-281)
Tube
www.st.com


Similar Part No. - STFI13NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFI13N60M2 STMICROELECTRONICS-STFI13N60M2 Datasheet
1Mb / 14P
Low gate input resistance
03-Mar-2014
STFI13N65M2 STMICROELECTRONICS-STFI13N65M2 Datasheet
570Kb / 15P
Zener-protected
18-Dec-2014
STFI13N80K5 STMICROELECTRONICS-STFI13N80K5 Datasheet
1Mb / 13P
N-channel 800 V, 0.37 ??typ.,12 A MDmesh™K5 Power MOSFET in an I²PAKFP package
04-Dec-2014
STFI13N95K3 STMICROELECTRONICS-STFI13N95K3 Datasheet
861Kb / 19P
N-channel 950 V, 0.68 Ohm typ., 10 A Zener-protected SuperMESH3
21-Jun-2012
STFI13NM60N STMICROELECTRONICS-STFI13NM60N Datasheet
782Kb / 12P
N-channel 600 V, 0.28 Ω, 11 A MDmesh™II Power MOSFET in I²PAKFP package
15-May-2012
More results

Similar Description - STFI13NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB13NK60ZT4 STMICROELECTRONICS-STB13NK60ZT4 Datasheet
497Kb / 18P
N-channel 600 V, 0.48 Ω, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH??Power MOSFET
15-Apr-2009
STFI26NM60N STMICROELECTRONICS-STFI26NM60N Datasheet
679Kb / 12P
N-channel 600 V, 0.135, 20 A MDmesh II Power MOSFET in PAKFP package
04-Jun-2012
STP13NK60ZT4 STMICROELECTRONICS-STP13NK60ZT4 Datasheet
495Kb / 18P
N-channel 600 V, 0.48, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH Power MOSFET
15-Apr-2009
STFI34NM60N STMICROELECTRONICS-STFI34NM60N Datasheet
851Kb / 1P
N-channel 600 V, 0.092, 31.5 A MDmesh II Power MOSFET in a PAKFP package
16-Jul-2013
STFI20NK50Z STMICROELECTRONICS-STFI20NK50Z Datasheet
531Kb / 13P
N-channel 500 V, 0.23 Ω, 17 A Zener-protected SuperMESH™ Power MOSFET in I²PAKFP package
20-Mar-2012
STF10NK60Z STMICROELECTRONICS-STF10NK60Z Datasheet
275Kb / 13P
N-channel 600 V, 0.65 Ω, 10 A, SuperMESH™ Power MOSFET Zener-protected TO-220FP narrow leads
04-Nov-2009
STFI11N60M2-EP STMICROELECTRONICS-STFI11N60M2-EP Datasheet
303Kb / 13P
N-channel 600 V, 0.550 Ω typ., 7.5 A MDmesh™ M2 EP Power MOSFET in an I²PAKFP package
14-May-2018
STI20N60M2-EP STMICROELECTRONICS-STI20N60M2-EP Datasheet
262Kb / 14P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in an I²PAK package
04-Jun-2018
STW20N60M2-EP STMICROELECTRONICS-STW20N60M2-EP Datasheet
275Kb / 14P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-247 package
04-Jun-2018
STF10NK50Z STMICROELECTRONICS-STF10NK50Z_V01 Datasheet
525Kb / 13P
N-channel 500 V, 0.55 Ω, 9 A Zener-protected SuperMESH™ Power MOSFET in TO-220FP package
28-Mar-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com