Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIPN3H60-H Datasheet(PDF) 12 Page - STMicroelectronics

Part # STGIPN3H60-H
Description  3-phase inverters for motor drives
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPN3H60-H Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STGIPN3H60-H Datasheet HTML 8Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 9Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 10Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 11Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 12Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 13Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 14Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 15Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Electrical characteristics
STGIPN3H60-H
12/23
DocID024132 Rev 4
Table 13: Sense comparator characteristics (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Iib
Input bias current
VCIN = 1 V
3
µA
Vol
Open drain low level output voltage
Iod = 3 mA
0.5
V
td_comp
Comparator delay
SD /OD pulled to 5 V through
100 kΩ resistor
90
130
ns
SR
Slew rate
CL = 180 pF; Rpu
= 5 kΩ
60
V/µsec
tsd
Shutdown to high / low side driver
propagation delay
VOUT = 0, Vboot = VCC, VIN = 0 to
3.3 V
50
125
200
ns
tisd
Comparator triggering to high / low
side driver turn-off propagation delay
Measured applying a voltage
step from 0 V to 3.3 V to pin CIN
50
200
250
Table 14: Truth table
Condition
Logic input (VI)
Output
SD /OD
LIN
HIN
LVG
HVG
Shutdown enable half-bridge tri-state
L
X(1)
X(1)
L
L
Interlocking half-bridge tri-state
H
H
H
L
L
0 “logic state” half-bridge tri-state
H
L
L
L
L
1 “logic state” low side direct driving
H
H
L
H
L
1
“logic state” high side direct driving
H
L
H
L
H
Notes:
(1)X: don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com