Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP12N120K5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP12N120K5
Description  Worldwide best FOM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12N120K5 Datasheet(HTML) 5 Page - STMicroelectronics

  STP12N120K5 Datasheet HTML 1Page - STMicroelectronics STP12N120K5 Datasheet HTML 2Page - STMicroelectronics STP12N120K5 Datasheet HTML 3Page - STMicroelectronics STP12N120K5 Datasheet HTML 4Page - STMicroelectronics STP12N120K5 Datasheet HTML 5Page - STMicroelectronics STP12N120K5 Datasheet HTML 6Page - STMicroelectronics STP12N120K5 Datasheet HTML 7Page - STMicroelectronics STP12N120K5 Datasheet HTML 8Page - STMicroelectronics STP12N120K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
STH12N120K5-2, STP12N120K5,
STW12N120K5, STWA12N120K5
Electrical characteristics
DocID022133 Rev 4
5/21
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 600 V, ID = 6 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 20: "Unclamped
inductive load test circuit")
-
23
-
ns
tr
Rise time
-
11
-
ns
td(off)
Turn-off delay time
-
68.5
-
ns
tf
Fall time
-
18.5
-
ns
Table 7: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
12
A
ISDM
Source-drain current
(pulsed)
-
48
A
VSD
(1)
Forward on voltage
ISD = 12 A, VGS = 0 V
-
1.5
V
trr
Reverse recovery
time
ISD = 12 A, VDD = 60 V
di/dt = 100 A/µs,
(see Figure 19: "Test circuit
for inductive load switching
and diode recovery times")
-
630
ns
Qrr
Reverse recovery
charge
-
12.6
µC
IRRM
Reverse recovery
current
-
40
A
trr
Reverse recovery
time
ISD = 12 A,VDD = 60 V
di/dt = 100 A/µs,
Tj = 150 °C
(see Figure 19: "Test circuit
for inductive load switching
and diode recovery times")
-
892
ns
Qrr
Reverse recovery
charge
-
15.6
µC
IRRM
Reverse recovery
current
-
35
A
Notes:
(1)
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Table 8: Gate-source Zener diode
Symbol
Parameter
Test conditions
Min
Typ.
Max.
Unit
V(BR)GSO
Gate-source
breakdown voltage
IGS = ±1 mA, ID = 0 A
30
-
V
The built-in back-to-back Zener diodes have been specifically designed to enhance the
ESD capability of the device. The Zener voltage is appropriate for efficient and cost-
effective intervention to protect the device integrity. These integrated Zener diodes thus
eliminate the need for external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com