Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F423IPM Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F423IPM
Description  Mixed-Signal Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F423IPM Datasheet(HTML) 25 Page - Texas Instruments

Back Button MSP430F423IPM Datasheet HTML 21Page - Texas Instruments MSP430F423IPM Datasheet HTML 22Page - Texas Instruments MSP430F423IPM Datasheet HTML 23Page - Texas Instruments MSP430F423IPM Datasheet HTML 24Page - Texas Instruments MSP430F423IPM Datasheet HTML 25Page - Texas Instruments MSP430F423IPM Datasheet HTML 26Page - Texas Instruments MSP430F423IPM Datasheet HTML 27Page - Texas Instruments MSP430F423IPM Datasheet HTML 28Page - Texas Instruments MSP430F423IPM Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
25
MSP430F427, MSP430F425, MSP430F423
www.ti.com
SLAS421B – APRIL 2004 – REVISED NOVEMBER 2016
Submit Documentation Feedback
Product Folder Links: MSP430F427 MSP430F425 MSP430F423
Specifications
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
The cumulative program time must not be exceeded when writing to a 64-byte flash block. This parameter applies to all programming
methods: individual word or byte write mode and block write mode.
(2)
The mass erase duration generated by the flash timing generator is at least 11.1 ms ( = 5297 × (1 / fFTG,max) = 5297 × (1 / 476 kHz)).
To achieve the required cumulative mass erase time, the mass erase operation of the flash controller can be repeated until this time is
met (a worst case minimum of 19 cycles is required).
(3)
These values are hardwired into the state machine of the flash controller (tFTG = 1 / fFTG).
5.27 Flash Memory
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC(PGM/
ERASE)
Program and erase supply voltage
2.7
3.6
V
fFTG
Flash timing generator frequency
257
476
kHz
IPGM
Supply current from DVCC during program
2.7 V, 3.6 V
3
5
mA
IERASE
Supply current from DVCC during erase
2.7 V, 3.6 V
3
7
mA
tCPT
Cumulative program time(1)
2.7 V, 3.6 V
10
ms
tCMErase
Cumulative mass erase time(2)
2.7 V, 3.6 V
200
ms
Program and erase endurance
104
105
cycles
tRetention
Data retention duration
TJ = 25°C
100
years
tWord
Word or byte program time(3)
35
tFTG
tBlock, 0
Block program time for first byte or word(3)
30
tBlock, 1–63
Block program time for each additional byte or word(3)
21
tBlock, End
Block program end-sequence wait time(3)
6
tMass Erase
Mass erase time(3)
5297
tSeg Erase
Segment erase time(3)
4819
(1)
fTCK may be restricted to meet the timing requirements of the module selected.
(2)
TMS, TDI/TCLK, and TCK pullup resistors are implemented in all versions.
5.28 JTAG Interface
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fTCK
TCK input frequency
See (1)
2.2 V
0
5
MHz
3V
0
10
RInternal
Internal pullup resistance on TMS, TCK, TDI/TCLK
See (2)
2.2 V, 3 V
25
60
90
kΩ
(1)
After the fuse is blown, no further access to the MSP430 JTAG/Test and emulation features is possible. The JTAG block is switched to
bypass mode.
5.29 JTAG Fuse
(1)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VCC(FB)
Supply voltage during fuse-blow condition
TA = 25°C
2.5
V
VFB
Voltage level on TDI/TCLK for fuse-blow
6
7
V
IFB
Supply current into TDI/TCLK during fuse blow
100
mA
tFB
Time to blow fuse
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com