Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F423IPM Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F423IPM
Description  Mixed-Signal Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F423IPM Datasheet(HTML) 34 Page - Texas Instruments

Back Button MSP430F423IPM Datasheet HTML 30Page - Texas Instruments MSP430F423IPM Datasheet HTML 31Page - Texas Instruments MSP430F423IPM Datasheet HTML 32Page - Texas Instruments MSP430F423IPM Datasheet HTML 33Page - Texas Instruments MSP430F423IPM Datasheet HTML 34Page - Texas Instruments MSP430F423IPM Datasheet HTML 35Page - Texas Instruments MSP430F423IPM Datasheet HTML 36Page - Texas Instruments MSP430F423IPM Datasheet HTML 37Page - Texas Instruments MSP430F423IPM Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
34
MSP430F427, MSP430F425, MSP430F423
SLAS421B – APRIL 2004 – REVISED NOVEMBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F427 MSP430F425 MSP430F423
Detailed Description
Copyright © 2004–2016, Texas Instruments Incorporated
6.9.2
Brownout, Supply Voltage Supervisor (SVS)
The brownout circuit provides the proper internal reset signal to the device during power on and power off.
The SVS circuitry detects if the supply voltage drops below a user-selectable level and supports both
supply voltage supervision (the device is automatically reset) and supply voltage monitoring (the device is
not automatically reset).
The CPU begins code execution after the brownout circuit releases the device reset. However, VCC may
not have ramped to VCC(min) at that time. The user must ensure that the default FLL+ settings are not
changed until VCC reaches VCC(min). If desired, the SVS circuit can be used to determine when VCC
reaches VCC(min).
6.9.3
Digital I/O
Two I/O ports are implemented: ports P1 and P2 (only six P2 I/O signals are available on external pins).
•
All individual I/O bits are independently programmable.
•
Any combination of input, output, and interrupt conditions is possible.
•
Edge-selectable interrupt input capability for all the 8 bits of ports P1 and P2.
•
Read/write access to port-control registers is supported by all instructions.
NOTE
Six bits of port P2 (P2.0 to P2.5) are available on external pins, but all control and data bits
for port P2 are implemented.
6.9.4
Basic Timer1
The Basic Timer1 has two independent 8-bit timers that can be cascaded to form a 16-bit timer/counter.
Both timers can be read and written by software. The Basic Timer1 can be used to generate periodic
interrupts and clock for the LCD module.
6.9.5
LCD Driver
The LCD driver generates the segment and common signals required to drive an LCD display. The LCD
controller has dedicated data memory to hold segment drive information. Common and segment signals
are generated as defined by the mode. Static, 2-mux, 3-mux, and 4-mux LCDs are supported by this
peripheral.
6.9.6
Watchdog Timer (WDT+)
The primary function of the WDT+ module is to perform a controlled system restart after a software
problem occurs. If the selected time interval expires, a system reset is generated. If the watchdog function
is not needed in an application, the module can be configured as an interval timer and can generate
interrupts at selected time intervals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com