Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F423IPM Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F423IPM
Description  Mixed-Signal Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F423IPM Datasheet(HTML) 35 Page - Texas Instruments

Back Button MSP430F423IPM Datasheet HTML 31Page - Texas Instruments MSP430F423IPM Datasheet HTML 32Page - Texas Instruments MSP430F423IPM Datasheet HTML 33Page - Texas Instruments MSP430F423IPM Datasheet HTML 34Page - Texas Instruments MSP430F423IPM Datasheet HTML 35Page - Texas Instruments MSP430F423IPM Datasheet HTML 36Page - Texas Instruments MSP430F423IPM Datasheet HTML 37Page - Texas Instruments MSP430F423IPM Datasheet HTML 38Page - Texas Instruments MSP430F423IPM Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
35
MSP430F427, MSP430F425, MSP430F423
www.ti.com
SLAS421B – APRIL 2004 – REVISED NOVEMBER 2016
Submit Documentation Feedback
Product Folder Links: MSP430F427 MSP430F425 MSP430F423
Detailed Description
Copyright © 2004–2016, Texas Instruments Incorporated
6.9.7
Timer_A3
Timer_A3 is a 16-bit timer and counter with three capture/compare registers. Timer_A3 can support
multiple capture/compares, PWM outputs, and interval timing (see Table 6-10). Timer_A3 also has
extensive interrupt capabilities. Interrupts may be generated from the counter on overflow conditions and
from each of the capture/compare registers.
Table 6-10. Timer_A3 Signal Connections
INPUT PIN NUMBER
DEVICE INPUT
SIGNAL
MODULE INPUT
NAME
MODULE BLOCK
MODULE OUTPUT
SIGNAL
OUTPUT PIN
NUMBER
48 - P1.5
TACLK
TACLK
Timer
NA
ACLK
ACLK
SMCLK
SMCLK
48 - P1.5
TACLK
INCLK
53 - P1.0
TA0
CCI0A
CCR0
TA0
53 - P1.0
52 - P1.1
TA0
CCI0B
DVSS
GND
DVCC
VCC
51 - P1.2
TA1
CCI1A
CCR1
TA1
51 - P1.2
51 - P1.2
TA1
CCI1B
DVSS
GND
DVCC
VCC
45 - P2.0
TA2
CCI2A
CCR2
TA2
45 - P2.0
ACLK (internal)
CCI2B
DVSS
GND
DVCC
VCC
6.9.8
USART0
The MSP430F42x devices have one hardware universal synchronous/asynchronous receive transmit
(USART0) peripheral module that is used for serial data communication. USART0 supports synchronous
SPI (3- or 4-pin) and asynchronous UART communication protocols, using double-buffered transmit and
receive channels.
6.9.9
Hardware Multiplier
The multiplication operation is supported by a dedicated peripheral module. The module performs 16- ×
16-bit, 16- × 8-bit, 8- × 16-bit, and 8- × 8-bit operations. The module supports signed and unsigned
multiplication as well as signed and unsigned multiply-and-accumulate operations. The result of an
operation can be accessed immediately after the operands have been loaded into the peripheral registers.
No additional clock cycles are required.
6.9.10 SD16
The SD16 module integrates three independent 16-bit sigma-delta ADCs, an internal temperature sensor,
and a built-in voltage reference. Each channel is designed with a fully differential analog input pair and
programmable gain amplifier input stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com