Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A6984 Datasheet(PDF) 1 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 1 Page - STMicroelectronics

  A6984 Datasheet HTML 1Page - STMicroelectronics A6984 Datasheet HTML 2Page - STMicroelectronics A6984 Datasheet HTML 3Page - STMicroelectronics A6984 Datasheet HTML 4Page - STMicroelectronics A6984 Datasheet HTML 5Page - STMicroelectronics A6984 Datasheet HTML 6Page - STMicroelectronics A6984 Datasheet HTML 7Page - STMicroelectronics A6984 Datasheet HTML 8Page - STMicroelectronics A6984 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
This is information on a product in full production.
March 2017
DocID030396 Rev 1
1/47
A6984
36 V, 400 mA automotive synchronous step-down
switching regulator
Datasheet
- production data
Features
 AEC-Q100 qualified
 400 mA DC output current
 4.5 V to 36 V operating input voltage
 Synchronous rectification
 Low consumption mode or low noise mode
 100 µA I
Q at light load (LCM VOUT = 3.3 V)
 13 µA I
Q-SHTDWN
 Adjustable f
SW (250 kHz - 600 kHz)
 Output voltage adjustable from 0.9 V
 No resistor divider required for 3.3 V V
OUT
 V
BIAS maximizes efficiency at light load
 350 mA valley current limit
 Constant on-time control scheme
 PGOOD open collector
 Thermal shutdown
Applications
 Car body and ADAS applications (LCM)
 Car audio and low noise applications (LNM)
Description
The A6984 is a step-down monolithic switching
regulator able to deliver up to 400 mA DC. The
output voltage adjustability ranges from 0.9 V. The
fixed 3.3 V VOUT requires no external resistor
divider. The “low consumption mode” (LCM) is
designed for applications active during car
parking, so it maximizes the efficiency at light load
with controlled output voltage ripple. The “low
noise mode” (LNM) makes the switching
frequency almost constant over the load current
range, serving low noise application
specifications such as car audio/sensors. The
PGOOD open collector output can implement
output voltage sequencing during the power-up
phase. The synchronous rectification, designed
for high efficiency at medium-heavy load, and the
high switching frequency capability make the size
of the application compact. Pulse-by-pulse
current sensing on the low-side power element
implements effective constant current protection.
The package lead finishing guarantees side
solderability, thus allowing visual inspection
during manufacturing.
Figure 1. Application schematic
VFDFPN10 4 x 4 x 1.0 mm
A6984
www.st.com


Similar Part No. - A6984

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
38 V 500 mA synchronous step-down switching regulator
15-Apr-2015
A6985F3V3 STMICROELECTRONICS-A6985F3V3 Datasheet
1Mb / 77P
38 V 500 mA synchronous step-down switching regulator
15-Apr-2015
A6985F3V3TR STMICROELECTRONICS-A6985F3V3TR Datasheet
1Mb / 77P
38 V 500 mA synchronous step-down switching regulator
15-Apr-2015
A6985F5V STMICROELECTRONICS-A6985F5V Datasheet
1Mb / 77P
38 V 500 mA synchronous step-down switching regulator
15-Apr-2015
A6985F5VTR STMICROELECTRONICS-A6985F5VTR Datasheet
1Mb / 77P
38 V 500 mA synchronous step-down switching regulator
15-Apr-2015
More results

Similar Description - A6984

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3729L-6 LINER-LTC3729L-6 Datasheet
347Kb / 28P
PolyPhase, Synchronous Step-Down Switching Regulator
logo
Texas Instruments
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
150-mA 100-V Step-Down Switching Regulator
logo
Linear Technology
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
Synchronous Step-Down Switching Regulator
LTC1629-6 LINER-LTC1629-6_15 Datasheet
306Kb / 28P
PolyPhase, Synchronous Step-Down Switching Regulator
LTC3851-1 LINER-LTC3851-1_15 Datasheet
362Kb / 28P
Synchronous Step-Down Switching Regulator Controller
logo
STMicroelectronics
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
38 V 500 mA synchronous step-down switching regulator
15-Apr-2015
L6984 STMICROELECTRONICS-L6984 Datasheet
4Mb / 34P
36 V 400 mA synchronous step-down switching regulator
04-Jul-2014
logo
Texas Instruments
TPS560430 TI1-TPS560430 Datasheet
122Kb / 6P
4-V to 36-V, 600-mA Synchronous Step-Down Converter
TPS560430 TI1-TPS560430_17 Datasheet
122Kb / 6P
4-V to 36-V, 600-mA Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com