Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A6984 Datasheet(PDF) 10 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 6Page - STMicroelectronics A6984 Datasheet HTML 7Page - STMicroelectronics A6984 Datasheet HTML 8Page - STMicroelectronics A6984 Datasheet HTML 9Page - STMicroelectronics A6984 Datasheet HTML 10Page - STMicroelectronics A6984 Datasheet HTML 11Page - STMicroelectronics A6984 Datasheet HTML 12Page - STMicroelectronics A6984 Datasheet HTML 13Page - STMicroelectronics A6984 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Datasheet parameters over the temperature range
A6984
10/47
DocID030396 Rev 1
3
Datasheet parameters over the temperature range
100% of the population in the production flow is tested at three different ambient
temperatures (-40 °C; 25 °C, 125 °C) to guarantee datasheet parameters within the junction
temperature range (-40 °C to 125 °C).
Device operation is guaranteed when the junction temperature is within the -40 °C to 150 °C
temperature range. The designer can estimate the silicon temperature increase with respect
to the ambient temperature evaluating the internal power losses generated during the
device operation.
However, the embedded thermal protection disables the switching activity to protect the
device in case the junction temperature reaches the TSHTDWN (+150 °C min) temperature.
All the datasheet parameters can be guaranteed to a maximum junction temperature of
+125 °C to avoid triggering the thermal shutdown protection during the testing phase due to
self-heating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com