Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGWA35HF60WDI Datasheet(PDF) 12 Page - STMicroelectronics

Part # STGWA35HF60WDI
Description  35 A, 600 V ultrafast IGBT with low drop diode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA35HF60WDI Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STGWA35HF60WDI Datasheet HTML 7Page - STMicroelectronics STGWA35HF60WDI Datasheet HTML 8Page - STMicroelectronics STGWA35HF60WDI Datasheet HTML 9Page - STMicroelectronics STGWA35HF60WDI Datasheet HTML 10Page - STMicroelectronics STGWA35HF60WDI Datasheet HTML 11Page - STMicroelectronics STGWA35HF60WDI Datasheet HTML 12Page - STMicroelectronics STGWA35HF60WDI Datasheet HTML 13Page - STMicroelectronics STGWA35HF60WDI Datasheet HTML 14Page - STMicroelectronics STGWA35HF60WDI Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package mechanical data
STGW35HF60WDI
12/15
Doc ID 16090 Rev 3
Table 10.
TO-247 long leads mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.90
5.15
D
1.85
2.10
E
0.55
0.67
F
1.07
1.32
F1
1.90
2.38
F2
2.87
3.38
G
10.90 BSC
H
15.77
16.02
L
20.82
21.07
L1
4.16
4.47
L2
5.49
5.74
L3
20.05
20.30
L4
3.68
3.93
L5
6.04
6.29
M
2.27
2.52
V
10°
V1
3°
V3
20°
Dia.
3.55
3.66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com