Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TNETV2665FIBZDUA6 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZDUA6
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZDUA6 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TNETV2665FIBZDUA6 Datasheet HTML 27Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 28Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 29Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 30Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 31Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 32Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 33Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 34Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 2-7. BOOT Terminal Functions (continued)
SIGNAL
OTHER(2)
TYPE(1)
DESCRIPTION
ZWT
ZDU
(3)
NAME
NO.
NO.
EM_A[0]/
IPD
Selects EMIFA Pinout Mode
B17
C21
I/O/Z
GP[7]/(AEM2)
DVDD33
The C6424 supports the following EMIFA Pinout Modes:
EM_BA[0]/
IPD
C17
E20
I/O/Z
AEM[2:0] = 000, No EMIFA
GP[6]/(AEM1)
DVDD33
AEM[2:0] = 010, EMIFA (Async) Pinout Mode 2
AEM[2:0] = 101, EMIFA (NAND) Pinout Mode 5
EM_BA[1]/
IPD
C16
C20
I/O/Z
GP[5]/(AEM0)
DVDD33
This signal doesn't actually affect the EMIFA module. It only affects
how the EMIFA is pinned out.
Selects the EMIFA EM_CS2 default bus width
0 = 8-bit bus width
1 = 16-bit bus width
RMTXD0/GP[28]/
IPD
H16
J21
I/O/Z
This signal affects the EMIFA module's EM_CS2 space default
(8_16)
DVDD33
setting. It does not affect the pin out. To determine the actual EMIFA
pinout, the (AEM[2:0]) boot configuration settings must be set
appropriately.
PCI Enable
IPD
PCIEN
T3
W3
I
0 = PCI pin function is disabled
DVDD33
1 = PCI pin function is enabled
Endian selection
RMTXD1/GP[27]/
IPU
H17
L19
I/O/Z
0 = Big Endian
(LENDIAN)
DVDD33
1 = Little Endian
Copyright © 2007–2009, Texas Instruments Incorporated
Device Overview
31
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com