Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TNETV2665FIBZDUA6 Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZDUA6
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZDUA6 Datasheet(HTML) 88 Page - Texas Instruments

Back Button TNETV2665FIBZDUA6 Datasheet HTML 84Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 85Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 86Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 87Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 88Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 89Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 90Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 91Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 249 page
background image
HostBlock(27pins)
(A)(C)
PCI(27)
PCIEN=1
HOSTBK=000
GPIO(27)
PCIEN=0
HOSTBK=000
VLYNQ
(10)
GPIO(17)
VLYNQ
(10)
EMAC(MII)
(15)
MDIO
(2)
PCIEN=0
HOSTBK=001
PCIEN=0
HOSTBK=010
PCIEN=0
HOSTBK=011
PCIEN=0
HOSTBK=100
HPI(26)
GPIO(1)
MDIO
(2)
GPIO(10)
GPIOBlock(4pins)
(C)
PCI
(4)
PCIEN=1
GPIO
(4)
PCIEN=0
UART0DataBlock(2pins)
GPIO(2)
UR0DBK=0
UART
Data(2)
UR0DBK=1
UART0FlowControlBlock(2pins)
GPIO(2)
UR0FCBK=00
UART0
FlowCtrl(2)
UR0FCBK=01
PWM0(1)
UR0FCBK=10
GPIO(1)
Timer1Block(2pins)
GPIO(2)
TIM1BK=00
Timer1
(2)
TIM1BK=01
UART1
Data(2)
TIM1BK=10
Timer0Block(2pins)
(D)(E)
GPIO(2)
TIM0BK=00
Timer0
(2)
TIM0BK=01
McBSP0
CLKS0(1)
TIM0BK=10
McBSP1
CLKS1(1)
McBSP0
CLKS0(1)
TIM0BK=11
Timer0
TINPOL (1)
PWM1Block(1pin)
GPIO
(1)
PWM1BK=0
PWM1
(1)
PWM1BK=1
CLKOUTBlock(1pin)
GPIO
(1)
CKOBK=00
CLKOUT
(1)
CKOBK=01
PWM2
(1)
CKOBK=10
SerialPortSub-Block0(6pins)
(D)
GPIO(6)
SPBK0=00
McBSP0
(6)
SPBK0=01
McASP0Receive
and3Serializers(6)
SPBK0=10
SerialPortSub-Block1(6pins)
(E)
GPIO(6)
SPBK1=00
McBSP1
(6)
SPBK1=01
McASP0
Transmitand
1Serializer(6)
SPBK1=10
McBSP1
Transmit(3)
SPBK1=11
McASP0
SPDIF(3)
EMIFA Block(61pins)
(A)(B)(C)
MajorConfig
Option A
GPIO
MajorConfig
OptionB
EMAC(RMII)
MajorConfig
OptionC
GPIO
EMIFA
(Async)
Pinout
Mode2
32MBper
CS
PCIDataBlock(3pins)
(C)
PCI(3)
Notmuxed
AEM=000,
PCIEN=0
RMII=0
AEM=000,
PCIEN=0
RMII=1
AEM=010,
PCIEN=0
RMII=0
GPIO
MajorConfig
OptionD
GPIO
EMIFA
(Async)
Pinout
Mode2
32MBper
CS
AEM=010,
PCIEN=0
RMII=1
EMAC(RMII)
MajorConfig
OptionE
GPIO
8bEMIFA
(NAND)
Pinout
Mode5
AEM=101,
PCIEN=0
RMII=0
MajorConfig
OptionF
GPIO
8bEMIFA
(NAND)
Pinout
Mode5
AEM=101,
PCIEN=0
RMII=1
EMAC(RMII)
MajorConfig
OptionG
GPIO
PCI
AEM=000,
PCIEN=1
RMII=0
MajorConfig
OptionH
GPIO
PCI
AEM=000,
PCIEN=1
RMII=1
EMAC(RMII)
MajorConfig
OptionJ
GPIO
8bEMIFA
(NAND)
Pinout
Mode5
AEM=101,
PCIEN=1
RMII=0
PCI
MajorConfig
OptionK
GPIO
8bEMIFA
(NAND)
Pinout
Mode5
AEM=101,
PCIEN=1
RMII=1
PCI
EMAC(RMII)
EMAC(MII)
(15)
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
A.
Default settings for PINMUX0 and PINMUX1 registers are underlined.
B.
EMIFA Block: This figure only shows the Major Config Options in the EMIFA Block based on the AEM, RMII, and
PCIEN settings. Actual pin functions in the EMIFA Block are further determined by other PINMUX fields.
C.
PCI pins span multiple blocks (Host Block, GPIO Block, EMIFA Block, and PCI Data Block). For PCI to be
operational, PCI pins must be selected in all of these Pin Mux Blocks. For the EMIFA Block, PCI is only supported if
AEM = 000b or 101b.
D.
McBSP0 pins span multiple blocks (Serial Port Sub-Block0 and Timer0 Block). Serial Port Sub-Block0 contains most
of the pins needed for McBSP0 operation. Timer0 Block contains the optional external clock source input CLKS0.
E.
McBSP1 spans multiple blocks (Serial Port Sub-Block1, Timer0 Block). Serial Port Sub-Block1 contains most of the
pins needed for McBSP1 operation. Timer0 Block contains the optional external clock source input CLKS1.
Figure 3-10. Pin Mux Block Selection
88
Device Configurations
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com