Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TNETV2665FIBZDUA6 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZDUA6
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZDUA6 Datasheet(HTML) 70 Page - Texas Instruments

Back Button TNETV2665FIBZDUA6 Datasheet HTML 66Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 67Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 68Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 69Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 70Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 71Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 72Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 73Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
For additional power savings, some of the C6424 peripherals support clock gating within the peripheral
boundary. For more details on clock gating and power saving features supported by a specific peripheral,
see the TMS320C642x DSP Peripherals Overview Reference Guide (literature number SPRUEM3).
3.3.1.1
Device Clock Frequency
The C6424 defaults to PLL bypass mode. To bring the device up to the desired clock frequency, the user
should program PLLC1 and PLLC2 after device reset.
C6424 supports a FASTBOOT option, where upon exit from device reset the internal bootloader code
automatically programs the PLLC1 into PLL mode with a specific PLL multiplier and divider to speed up
device boot. While the FASTBOOT option is beneficial for faster boot, the PLL multiplier and divider
selected for boot may not be the exact frequency desired for the run-time application. It is the user's
responsibility to reconfigure PLLC1 after fastboot to bring the device into the desired clock frequency.
Section 3.4.1, Boot Modes, discusses the different fast boot modes in more detail.
The user must adhere to the various clock requirements when programming the PLLC1 and PLLC2:
•
Fixed frequency ratio requirements between CLKDIV1, CLKDIV3, and CLKDIV6 clock domains. For
more details on the frequency ratio requirements, see Section 6.3.4, C6424 Power and Clock
Domains.
•
PLL multiplier and frequency ranges. For more details on PLL multiplier and frequency ranges, see
Section 6.7.1, PLL1 and PLL2.
3.3.1.2
Module Clock State
The clock and reset state for each of the modules is controlled by the Power and Sleep Controller (PSC).
Table 3-3 shows the default state of each module after a device-level global reset. The C6424 device has
four different module states—Enable, Disable, SyncReset, or SwRstDisable. For more information on the
definitions of the module states, the PSC, and PSC programming, see Section 6.3.5, Power and Sleep
Controller (PSC) and the TMS320C642x Power and Sleep Controller (PSC) User's Guide (literature
number SPRUEN8).
Table 3-3. C6424 Default Module States
DEFAULT MODULE STATE
LPSC #
MODULE NAME
[PSC Register MDSTATn.STATE]
2
EDMACC
SwRstDisable
3
EDMATC0
SwRstDisable
4
EDMATC1
SwRstDisable
5
EDMATC2
SwRstDisable
6
EMAC Memory Controller
SwRstDisable
7
MDIO
SwRstDisable
8
EMAC
SwRstDisable
9
McASP0
SwRstDisable
11
VLYNQ
SwRstDisable
12
HPI
SwRstDisable
13
DDR2 Memory Controller
SwRstDisable
SwRstDisable, if configuration pins AEM[2:0] = 000b
14
EMIFA
Enable, if configuration pins AEM[2:0] = Others [010b and 101b]
15
PCI
SwRstDisable
16
McBSP0
SwRstDisable
17
McBSP1
SwRstDisable
18
I2C
SwRstDisable
19
UART0
SwRstDisable
20
UART1
SwRstDisable
70
Device Configurations
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com