Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9659 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9659
Description  Octal squib driver ASIC for safety application
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9659 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9659 Datasheet HTML 11Page - STMicroelectronics L9659 Datasheet HTML 12Page - STMicroelectronics L9659 Datasheet HTML 13Page - STMicroelectronics L9659 Datasheet HTML 14Page - STMicroelectronics L9659 Datasheet HTML 15Page - STMicroelectronics L9659 Datasheet HTML 16Page - STMicroelectronics L9659 Datasheet HTML 17Page - STMicroelectronics L9659 Datasheet HTML 18Page - STMicroelectronics L9659 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
L9659
Electrical specifications
Doc ID 022048 Rev 2
15/51
tR_WAIT
Rmeas wait time
Wait time before AOUT
voltage is stable for ADC
reading R AOUT= 5.1k
;
CAOUT=10nF
-
-
300
µs
FENx input pins
tFENfilter
Minimum pulse width
-
12
-
16
µs
IFENPD
Internal pull-down current
VIN = VIL to VDD
20
-
50
µA
VFENLO
Input low voltage threshold
-
0.8
-
-
V
VFENHI
Input high voltage threshold
-
-
-
2.0
V
TFENLATCH
FEN Latch timer
-
0
-
512
ms
tFLACC
FEN latch timer
accuracy
-
- 20%
-
20
%
Deployment drivers
TRESOLUTION Diagnostic timing / resolution IHS  IMEAS,
0s
 T
MEASURE_TIME  3.7ms
CSQUIB _HI = 0.12µF
CSQUIB _LO = 0.12µF
22.5
25
27.5
µs
TACCURACY
Diagnostic time
acurracy
--
2
LSB
IMEAS
High side driver current limit
detect threshold
Guaranteed by design
IHSX x
0.90
-
IHSX x
0.99
A
RDSonTOTAL
Total high and low side MOS
on resistance
High side MOS +
low side MOS D9:D8=”11”;
VRES = 7V; I = 1.6A @95°C
--
2.0
RDSonHS
High side MOS on resistance D9:D8=”11”; VRES = 7V;
Tamb = 95°C; IVRES =
1.6A;
-0.3
0.8
RDSonLS
Low side MOS on resistance
-
0.6
1.2
IHS_12A
High side deployment current
limit
Configuration mode 1 bits
D9:D8=”00” SQHx shorted
to ground;
VRES = 7 to 37V
1.21
-
1.47
A
IHS_15A
Configuration Mode 1 bits
D9:D8=”01” SQHx shorted
to ground;
VRES = 7 to 25V
1.51
-
1.85
A
IHS_175A
Configuration Mode 1 bits
D9:D8=”11” SQHx shorted
to ground;
VRES = 7 to 37V
1.76
-
2.14
A
tILIM
Low side MOS shutdown
under short to battery
Vsqblo=18V
90
-
110
µs
ILS
Low side MOS current limit
2.2
-
4.0
A
Table 7.
Squib deployment drivers and diagnostics - DC electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com