Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9659 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9659
Description  Octal squib driver ASIC for safety application
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9659 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9659 Datasheet HTML 32Page - STMicroelectronics L9659 Datasheet HTML 33Page - STMicroelectronics L9659 Datasheet HTML 34Page - STMicroelectronics L9659 Datasheet HTML 35Page - STMicroelectronics L9659 Datasheet HTML 36Page - STMicroelectronics L9659 Datasheet HTML 37Page - STMicroelectronics L9659 Datasheet HTML 38Page - STMicroelectronics L9659 Datasheet HTML 39Page - STMicroelectronics L9659 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
Functional description
L9659
36/51
Doc ID 022048 Rev 2
D7
0
Channel 7 Idle (default)
Internal Stored Value Arm bit
1
Arm Channel 7
D6
0
Channel 6 Idle (default)
Internal Stored Value Arm bit
1
Arm Channel 6
D5
0
Channel 5 Idle (default)
Internal Stored Value Arm bit
1
Arm Channel 7
D4
0
Channel 4 Idle (default)
Internal Stored Value Arm bit
1
Arm Channel 4
D3
0
Channel 3 Idle (default)
Internal Stored Value Arm bit
1
Arm Channel 3
D2
0
Channel 2 Idle (default)
Internal Stored Value Arm bit
1
Arm Channel 2
D1
0
Channel 1 Idle (default)
Internal Stored Value Arm bit
1
Arm Channel 1
D0
0
Channel 0 Idle (default)
Internal Stored Value Arm bit
1
Arm Channel 0
Table 19.
Deployment mode 2 bit definition
Bit
MOSI command
MISO response
State
Description
D15
0
Mode bits
See above
D14
1
-
See above
D13
-
Odd Parity – Includes all 16 bits
See above
D12 – D8
-
Fire pattern
See above
D7
0
Channel 7 Idle (default)
Internal Deploy Status
1
Deploy Channel 7
D6
0
Channel 6 Idle (default)
Internal Deploy Status
1
Deploy Channel 6
D5
0
Channel 5 Idle (default)
Internal Deploy Status
1
Deploy Channel 5
D4
0
Channel 4 Idle (default)
Internal Deploy Status
1
Deploy Channel 4
D3
0
Channel 3 Idle (default)
Internal Deploy Status
1
Deploy Channel 3
Table 18.
Deployment mode 1 bit definition (continued)
Bit
MOSI command
MISO response
State
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com