Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL31N65M5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL31N65M5
Description  Switching applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL31N65M5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL31N65M5 Datasheet HTML 2Page - STMicroelectronics STL31N65M5 Datasheet HTML 3Page - STMicroelectronics STL31N65M5 Datasheet HTML 4Page - STMicroelectronics STL31N65M5 Datasheet HTML 5Page - STMicroelectronics STL31N65M5 Datasheet HTML 6Page - STMicroelectronics STL31N65M5 Datasheet HTML 7Page - STMicroelectronics STL31N65M5 Datasheet HTML 8Page - STMicroelectronics STL31N65M5 Datasheet HTML 9Page - STMicroelectronics STL31N65M5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
STL31N65M5
6/17
DocID025459 Rev 1
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Gate charge vs gate-source voltage Figure 7.
Static drain-source on-resistance
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM16150v1
10
-5
10
-4
10
-3
10
-2
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Single pulse
δ=0.5
pcb
Zth PowerFLAT 8x8 HV
ID
30
20
10
0
0
10
VDS(V)
20
(A)
5
15
25
40
6V
7V
VGS=9, 10V
8V
5
15
25
35
AM16151v1
ID
0
4
VGS(V)
8
(A)
3
6
9
5
7
VDS=25V
30
20
10
40
5
15
25
35
AM16152v1
VGS
6
4
2
0
0
10
Qg(nC)
(V)
40
8
20
30
10
VDD=520V
ID=11A
50
12
300
200
100
0
400
500
VDS
VDS
(V)
AM16153v1
RDS(on)
0.115
0.105
0
8
ID(A)
(
Ω)
4
10
0.125
0.135
6
2
12
14
0.145
0.155
VDS=25V
AM16154v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com