Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL31N65M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL31N65M5
Description  Switching applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL31N65M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STL31N65M5 Datasheet HTML 1Page - STMicroelectronics STL31N65M5 Datasheet HTML 2Page - STMicroelectronics STL31N65M5 Datasheet HTML 3Page - STMicroelectronics STL31N65M5 Datasheet HTML 4Page - STMicroelectronics STL31N65M5 Datasheet HTML 5Page - STMicroelectronics STL31N65M5 Datasheet HTML 6Page - STMicroelectronics STL31N65M5 Datasheet HTML 7Page - STMicroelectronics STL31N65M5 Datasheet HTML 8Page - STMicroelectronics STL31N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
October 2013
DocID025459 Rev 1
1/17
STL31N65M5
N-channel 650 V, 0.135
Ω typ., 15 A MDmesh™ V
Power MOSFET in a PowerFLAT™ 8x8 HV package
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Worldwide best RDS(on) * area
• Higher VDSS rating and high dv/dt capability
• Excellent switching performance
Applications
• Switching applications
Description
This device is an N-channel MDmesh™ V Power
MOSFET based on an innovative proprietary
vertical process technology, which is combined
with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Order code
VDS
RDS(on) max
ID
STL31N65M5
710 V
0.162
Ω
15 A(1)
1.
The value is rated according to Rthj-case and limited by
package.
Table 1. Device summary
Order code
Marking
Packages
Packaging
STL31N65M5
31N65M5
PowerFLAT™ 8x8 HV
Tape and reel
www.st.com


Similar Part No. - STL31N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL300N4LF8 STMICROELECTRONICS-STL300N4LF8 Datasheet
606Kb / 15P
N-channel logic level 40 V, 1.0 mΩ max., 304 A, STripFET F8 Power MOSFET in a PowerFLAT 5x6 package
02-Apr-2024
STL305N4LF8AG STMICROELECTRONICS-STL305N4LF8AG Datasheet
949Kb / 15P
Automotive N‑channel logic level 40 V, 1.0 mΩ max., 304 A STripFET F8 Power MOSFET in a PowerFLAT 5x6 package
26-Apr-2024
STL30N10F7 STMICROELECTRONICS-STL30N10F7 Datasheet
1Mb / 15P
Ultra low on-resistance
22-Oct-2013
STL30NF3LL STMICROELECTRONICS-STL30NF3LL Datasheet
169Kb / 6P
N-CHANNEL 30V - 0.008ohm - 30A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Nov-2001
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
High avalanche ruggedness
08-Jan-2014
More results

Similar Description - STL31N65M5

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3900 SANYO-2SC3900 Datasheet
327Kb / 5P
Switching Applications
2SC4363 SANYO-2SC4363 Datasheet
88Kb / 2P
Switching Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
2SD1223 TOSHIBA-2SD1223_10 Datasheet
163Kb / 5P
Switching Applications
2SD2092 TOSHIBA-2SD2092_06 Datasheet
173Kb / 5P
Switching Applications
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
Switching and Applications Switching and Applications
logo
STMicroelectronics
STH6N95K5-2 STMICROELECTRONICS-STH6N95K5-2 Datasheet
711Kb / 17P
Switching applications
12-Mar-2015
STW40N65M2 STMICROELECTRONICS-STW40N65M2 Datasheet
433Kb / 12P
Switching applications
09-Feb-2014
STW6N90K5 STMICROELECTRONICS-STW6N90K5 Datasheet
729Kb / 12P
Switching applications
November 2016 Rev 1
STB10N95K5 STMICROELECTRONICS-STB10N95K5 Datasheet
1Mb / 22P
Switching applications
29-Jan-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com