Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1955 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1955
Description  Getting started with the multifunctional expansion board based on operational amplifiers for STM32 Nucleo
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1955 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1955 Datasheet HTML 3Page - STMicroelectronics UM1955 Datasheet HTML 4Page - STMicroelectronics UM1955 Datasheet HTML 5Page - STMicroelectronics UM1955 Datasheet HTML 6Page - STMicroelectronics UM1955 Datasheet HTML 7Page - STMicroelectronics UM1955 Datasheet HTML 8Page - STMicroelectronics UM1955 Datasheet HTML 9Page - STMicroelectronics UM1955 Datasheet HTML 10Page - STMicroelectronics UM1955 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
DocID028405 Rev 1
7/28
UM1955
Current sensing configuration
28
2.2
How to set up the board
With this expansion board, users can measure the current of a USB-powered device or any
5 V application. It is important not to go beyond 5 V in order to avoid operational amplifier
damage. To help protect the circuit, an ESDAULC6-1U2 unidirectional ESD protection
device has been implemented.
Monitoring USB-powered device current: connect the charger (wall adapter or PC) to the
Micro-USB port. Then connect the bottom USB port to the required device.
Monitoring other application current: it is also possible to measure the current of
applications that are not USB powered. The power supply voltage should be connected to
Iin, and Iout should be connected to the power supply voltage pin of the application.
2.3
Theoretical output
The output voltage of the operational amplifier is proportional to the measured current, as
the following formula illustrates:
Equation 4
Therefore,
Equation 5
Similar to the instrumentation amplifier configuration, the operational amplifier for this
configuration is used with a 5 V power supply voltage. Thus, in order to obtain a range
limited to 3.3 V avoid damage on the microcontroller side, a divider bridge has been added.
This additional structure is recognizable by the last term in the above formula (composed by
R30 and R39). Thanks to this structure, a DC 5 V output voltage is reduced to a 3.2 V.
Note that the maximum frequency of this circuit is limited to 330 Hz based on operational
amplifier GBP and the circuit gain.
Equation 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com