Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1955 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1955
Description  Getting started with the multifunctional expansion board based on operational amplifiers for STM32 Nucleo
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1955 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1955 Datasheet HTML 5Page - STMicroelectronics UM1955 Datasheet HTML 6Page - STMicroelectronics UM1955 Datasheet HTML 7Page - STMicroelectronics UM1955 Datasheet HTML 8Page - STMicroelectronics UM1955 Datasheet HTML 9Page - STMicroelectronics UM1955 Datasheet HTML 10Page - STMicroelectronics UM1955 Datasheet HTML 11Page - STMicroelectronics UM1955 Datasheet HTML 12Page - STMicroelectronics UM1955 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
DocID028405 Rev 1
9/28
UM1955
Buffer configuration
28
3
Buffer configuration
The buffer configuration allows users to connect a high output impedance circuit to a low
input impedance circuit without disturbing the signal. This function is possible thanks to the
high impedance of the operational amplifier input stage and the operational amplifier output
capabilities. The operational amplifier used for this configuration is the TSV734, which has a
minimum output current of 40 mA.
3.1
How to set up the board
In order to use the buffer configuration on the expansion board, users simply connect their
signal to the “in” pin on the buffer section of the board. The output signal can be retrieved on
the “out” pin in the same board section. The output voltage of the operational amplifier is not
intended to be connected to any microcontroller input on the expansion board since this
configuration is most often used before another circuit.
3.2
Theoretical output
The output voltage of the operational amplifier is equal to its input voltage:
Vout=Vin
Note that this equation is correct as long as the input voltage stays between 0 V and 3.3 V
(the power supply voltage of the operational amplifier).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com