Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564L70L3 Datasheet(PDF) 88 Page - STMicroelectronics

Part # SPC564L70L3
Description  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L70L3 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button SPC564L70L3 Datasheet HTML 84Page - STMicroelectronics SPC564L70L3 Datasheet HTML 85Page - STMicroelectronics SPC564L70L3 Datasheet HTML 86Page - STMicroelectronics SPC564L70L3 Datasheet HTML 87Page - STMicroelectronics SPC564L70L3 Datasheet HTML 88Page - STMicroelectronics SPC564L70L3 Datasheet HTML 89Page - STMicroelectronics SPC564L70L3 Datasheet HTML 90Page - STMicroelectronics SPC564L70L3 Datasheet HTML 91Page - STMicroelectronics SPC564L70L3 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 128 page
background image
Electrical characteristics
SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5
88/128
DocID023953 Rev 5
Table 20. Current consumption characteristics
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit
IDD_LV_FULL
+ IDD_LV_PLL
T Operating current
1.2 V supplies
TJ = ambient
VDD_LV_COR = 1.32 V
—
— 25 [mA]+2.7 [mA/MHz]*
fCPU[MHz]
mA
1.2 V supplies
TJ = 150 C
VDD_LV_COR = 1.32 V
—
—
115 [mA]+2.28 [mA/MH
z]*fCPU[MHz]
IDD_LV_TYP
+ IDD_LV_PLL(2)
T Operating current
1.2 V supplies
TJ = ambient
VDD_LV_COR = 1.32 V
—
—
25 [mA]+2.45 [mA/MHz
]*fCPU[MHz]
mA
1.2 V supplies
TJ = 150 C
VDD_LV_COR = 1.32 V
—
—
115 [mA]+2.02 [mA/MH
z]*fCPU[MHz]
IDD_LV_TYP
+ IDD_LV_PLL(2)
P Operating current
1.2 V supplies
TJ = ambient
VDD_LV_COR = 1.32 V
—
—
319
mA
1.2 V supplies
TJ = 150 C
VDD_LV_COR = 1.32 V
—
—
358
IDD_LV_BIST
+ IDD_LV_PLL
T Operating current
1.2 V supplies during
LBIST (full LBIST
configuration)
TJ = ambient
VDD_LV_COR = 1.32 V
—
—
286
mA
1.2 V supplies during
LBIST (full LBIST
configuration)
TJ = 150 C
VDD_LV_COR = 1.32 V
—
—
326
IDD_LV_TYP +
IDD_LV_PLL
T Operating current
1.2 V supplies
Tj = 105
C
VDD_LV_COR = 1.2 V
—
—
315
mA
IDD_LV_TYP +
IDD_LV_PLL
T Operating current
1.2 V supplies
Tj = 125
C
VDD_LV_COR = 1.2 V
—
—
339
mA
IDD_LV_TYP +
IDD_LV_PLL
T Operating current
1.2 V supplies
Tj = 105
C
VDD_LV_COR = 1.2 V
DPM Mode
—
—
193
mA
IDD_LV_TYP +
IDD_LV_PLL
T Operating current
1.2 V supplies
Tj = 125
C
VDD_LV_COR = 1.2 V
DPM Mode
—
—
231
mA
IDD_LV_TYP +
IDD_LV_PLL
T Operating current
1.2 V supplies
Tj = 150
C
VDD_LV_COR = 1.2 V
DPM Mode
—
—
277
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com