Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564L70L3 Datasheet(PDF) 100 Page - STMicroelectronics

Part # SPC564L70L3
Description  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L70L3 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button SPC564L70L3 Datasheet HTML 96Page - STMicroelectronics SPC564L70L3 Datasheet HTML 97Page - STMicroelectronics SPC564L70L3 Datasheet HTML 98Page - STMicroelectronics SPC564L70L3 Datasheet HTML 99Page - STMicroelectronics SPC564L70L3 Datasheet HTML 100Page - STMicroelectronics SPC564L70L3 Datasheet HTML 101Page - STMicroelectronics SPC564L70L3 Datasheet HTML 102Page - STMicroelectronics SPC564L70L3 Datasheet HTML 103Page - STMicroelectronics SPC564L70L3 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 128 page
background image
Electrical characteristics
SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5
100/128
DocID023953 Rev 5
Table 28. Flash memory module life
No.
Symbol
Parameter
Value
Unit
Min
Typ
Max
1P/E
C
Number of program/erase cycles per block for
16 KB, 48 KB, and 64 KB blocks over the
operating temperature range(1)
100000
—
—
cycles
2P/E
C
Number of program/erase cycles per block for
128 KB and 256 KB blocks over the operating
temperature range(1)
1000
100000(2)
—cycles
3
Retention
C
Minimum data retention at 85 °C average
ambient temperature(3)
Blocks with 0–1,000 P/E cycles
Blocks with 1,001–10,000 P/E cycles
Blocks with 10,001–100,000 P/E cycles
20
10
5
—
—
—
—
—
—
years
1. Operating temperature range is TJ from –40 °C to 150 °C. Typical endurance is evaluated at 25 C.
2. Typical P/E cycles is 100,000 cycles for 128 KB and 256 KB blocks.
3. Ambient temperature averaged over duration of application, not to exceed product operating temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com