Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564L70L3 Datasheet(PDF) 102 Page - STMicroelectronics

Part # SPC564L70L3
Description  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L70L3 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button SPC564L70L3 Datasheet HTML 98Page - STMicroelectronics SPC564L70L3 Datasheet HTML 99Page - STMicroelectronics SPC564L70L3 Datasheet HTML 100Page - STMicroelectronics SPC564L70L3 Datasheet HTML 101Page - STMicroelectronics SPC564L70L3 Datasheet HTML 102Page - STMicroelectronics SPC564L70L3 Datasheet HTML 103Page - STMicroelectronics SPC564L70L3 Datasheet HTML 104Page - STMicroelectronics SPC564L70L3 Datasheet HTML 105Page - STMicroelectronics SPC564L70L3 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 128 page
background image
Electrical characteristics
SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5
102/128
DocID023953 Rev 5
Figure 12. Pad output delay
3.19
Reset sequence
This section shows the duration for different reset sequences. It describes the different reset
sequences and it specifies the start conditions and the end indication for the reset
sequences.
3.19.1
Reset sequence duration
Table 31
specifies the minimum and the maximum reset sequence duration for the five
different reset sequences described in Section 3.19.2: Reset sequence description.
3Fast
T
1
—
6
—
—
4
—
—
72
3
—
40
25
1
—
6
—
—
7
—
—
55
7
—
40
50
1
—
6
—
—12
—
—40
7
—40
100
1
—
6
—
—18
—
—25
7
—40
200
4
Symmetric
T
1
—
8
—
—
5
—
—50
3
—25
25
1. Propagation delay from VDD_HV_IOx/2 of internal signal to Pchannel/Nchannel switch-on condition (i.e. t_PHL and t_PLH in
Figure 12: Pad output delay
).
2. Slope at rising/falling edge(i.e. t_F and t_R in Figure 12: Pad output delay).
3. Data based on characterization results, not tested in production.
Table 30. Pad AC specifications (3.3 V, IPP_HVE = 0)(1) (continued)
No
Pad
Tswitchon1
(ns)
Rise/Fall(2)
(ns)
Frequency
(MHz)
Current slew(3)
(mA/ns)
Load
drive
(pF)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com