| Electronic Components Datasheet Search |
|
SPC564L70L3 Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564L70L3 Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 128 page ![]() DocID023953 Rev 5 25/128 SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5 Introduction 127 1.5.29 Deserial serial peripheral interface (DSPI) The DSPI modules provide a synchronous serial interface for communication between the SPC56XL70 and external devices. A DSPI module provides these features: Full duplex, synchronous transfers Master or slave operation Programmable master bit rates Programmable clock polarity and phase End-of-transmission interrupt flag Programmable transfer baud rate Programmable data frames from 4 to 16 bits As many as 8 chip select lines available, depending on package and pin multiplexing 4 clock and transfer attributes registers Chip select strobe available as alternate function on one of the chip select pins for de- glitching FIFOs for buffering as many as 5 transfers on the transmit and receive side Queueing operation possible through use of the eDMA General purpose I/O functionality on pins when not used for SPI 1.5.30 FlexPWM The pulse width modulator module (FlexPWM) contains four PWM channels, each of which is configured to control a single half-bridge power stage. One module is present in LQFP144 package. Additionally, four fault input channels are provided per FlexPWM module. This PWM is capable of controlling most motor types, including: AC induction motors (ACIM) Permanent Magnet AC motors (PMAC) Brushless (BLDC) and brush DC motors (BDC) Switched (SRM) and variable reluctance motors (VRM) Stepper motors |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |