Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564L70L3 Datasheet(PDF) 108 Page - STMicroelectronics

Part # SPC564L70L3
Description  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L70L3 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button SPC564L70L3 Datasheet HTML 104Page - STMicroelectronics SPC564L70L3 Datasheet HTML 105Page - STMicroelectronics SPC564L70L3 Datasheet HTML 106Page - STMicroelectronics SPC564L70L3 Datasheet HTML 107Page - STMicroelectronics SPC564L70L3 Datasheet HTML 108Page - STMicroelectronics SPC564L70L3 Datasheet HTML 109Page - STMicroelectronics SPC564L70L3 Datasheet HTML 110Page - STMicroelectronics SPC564L70L3 Datasheet HTML 111Page - STMicroelectronics SPC564L70L3 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 128 page
background image
Electrical characteristics
SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5
108/128
DocID023953 Rev 5
3.19.5
External watchdog window
If the application design requires the use of an external watchdog the data provided in
Section 3.19: Reset sequence
can be used to determine the correct positioning of the
trigger window for the external watchdog. Figure 20 shows the relationships between the
minimum and the maximum duration of a given reset sequence and the position of an
external watchdog trigger window.
Figure 20. Reset sequence - External watchdog trigger window position
3.20
AC timing characteristics
AC Test Timing Conditions: Unless otherwise noted, all test conditions are as follows:
• TJ = –40oC to 150oC
• Supply voltages as specified in Table 9
• Input conditions: All Inputs: tr, tf = 1 ns
• Output Loading: All Outputs: 50 pF
3.20.1
RESET pin characteristics
The SPC56XL70 implements a dedicated bidirectional RESET pin.
External Watchdog Window Closed
Earliest
Application
Start
Latest
Application
Start
Internal Reset Sequence
Start condition (signal or voltage rail)
External Watchdog Window Open
TReset, min
TReset, max
TWDStart, min
TWDStart, max
External Watchdog Window Closed
External Watchdog Window Open
Basic Application Init
Basic Application Init
Application time required to
prepare watchdog trigger
Watchdog needs to be triggered within this window
Watchdog trigger
Application Running
Application Running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com