Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564L70L3 Datasheet(PDF) 127 Page - STMicroelectronics

Part # SPC564L70L3
Description  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L70L3 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button SPC564L70L3 Datasheet HTML 120Page - STMicroelectronics SPC564L70L3 Datasheet HTML 121Page - STMicroelectronics SPC564L70L3 Datasheet HTML 122Page - STMicroelectronics SPC564L70L3 Datasheet HTML 123Page - STMicroelectronics SPC564L70L3 Datasheet HTML 124Page - STMicroelectronics SPC564L70L3 Datasheet HTML 125Page - STMicroelectronics SPC564L70L3 Datasheet HTML 126Page - STMicroelectronics SPC564L70L3 Datasheet HTML 127Page - STMicroelectronics SPC564L70L3 Datasheet HTML 128Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 127 / 128 page
background image
DocID023953 Rev 5
127/128
SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5
Revision history
127
03-Sep-2013
2 (continued)
– Updated the following in Table 19: DC electrical characteristics:
Added table footnote “The max input voltage on the ADC pins is the
ADC reference voltage VDD_HV_ADRx”
Updated VOL_F conditions from “IOL = 1.5 mA” to “IOL = 11 mA”
Updated VOH_F conditions from “IOH = – 1.5 mA” to “IOH = –11 mA”
Updated IINJ parameter from “DC injection current per pin” to “DC
injection current per pin (all bi-directional ports)”
For IIL row, parameter “Input leakage current (all ADC input-only
ports)” updated min value to “–0.25” and max value to “0.25”
–For IIL row, parameter “Input leakage current (shared ADC input-
only ports)” updated min value to “–0.3” and max value to “0.3”
– Updated the following in Table 20: Current consumption
characteristics
:
Specified oscillator bypass mode and crystal oscillator mode
Updated STOP and HALT mode values
Added IDD_HV_PMU
Updated footnote 3
– Updated Table 24: RC oscillator electrical characteristics
– Updated the following in Table 25: ADC conversion characteristics:
Changed tconv to teval and minimum value is changed from “625” to
“600”
Table footnote 5 updated to “This parameter does not include the
sample time Tsample, but only the time for determining the digital
result”
17-Sep-2013
3
Updated disclaimer.
15-Oct-2013
4
Updated Table 1.
09-Jul-2015
5
Editorial and formatting changes throughout document.
Chapter 3: Electrical characteristics
:
–In Table 9: Recommended operating conditions (3.3 V), changed
Max value from “3.6” to “3.63” for VDD_HV_FLA symbol.
– Added Section 3.4: Decoupling capacitors.
– Figure 9: Input Equivalent Circuit: changed “VDD” to “VREF” in
Internal circuit scheme
–In Table 30: Pad AC specifications (3.3 V, IPP_HVE = 0) updated
footnote 1 and footnote 2.
– Updated Figure 12: Pad output delay
Updated Disclaimer.
Table 42. Revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com