Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC563M64L5 Datasheet(PDF) 17 Page - STMicroelectronics

Part # SPC563M64L5
Description  Calibration external bus interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L5 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SPC563M64L5 Datasheet HTML 13Page - STMicroelectronics SPC563M64L5 Datasheet HTML 14Page - STMicroelectronics SPC563M64L5 Datasheet HTML 15Page - STMicroelectronics SPC563M64L5 Datasheet HTML 16Page - STMicroelectronics SPC563M64L5 Datasheet HTML 17Page - STMicroelectronics SPC563M64L5 Datasheet HTML 18Page - STMicroelectronics SPC563M64L5 Datasheet HTML 19Page - STMicroelectronics SPC563M64L5 Datasheet HTML 20Page - STMicroelectronics SPC563M64L5 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
SPC563Mxx
Device overview
Doc ID 13850 Rev 6
17/48
angle.
–
Priority Based CFIFOs
Supports six CFIFOs with fixed priority. The lower the CFIFO number, the higher
its priority. When commands of distinct CFIFOs are bound for the same CBuffer,
the higher priority CFIFO is always served first.
Supports software and several hardware trigger modes to arm a particular CFIFO
Generates interrupt when command coherency is not achieved
–
External Hardware Triggers
Supports rising edge, falling edge, high level and low level triggers
Supports configurable digital filter
–
Supports four external 8-to-1 muxes which can expand the input channel number
from 34(d) to 59
●
Two deserial serial peripheral interface modules (DSPI)
–SPI
Full duplex communication ports with interrupt and DMA request support
Support for queues in RAM
6 chip selects, expandable to 64 with external demultiplexers
Programmable frame size, baud rate, clock delay and clock phase on a per frame
basis
Modified SPI mode for interfacing to peripherals with longer setup time
requirements
LVDS option for output clock and data to allow higher speed communication
–
Deserial serial interface (DSI)
Pin reduction by hardware serialization and deserialization of eTPU, eMIOS
channels and GPIO
32 bits per DSPI module
Triggered transfer control and change in data transfer control (for reduced EMI)
Compatible with Microsecond Channel Version 1.0 downstream
●
Two enhanced serial communication interface (eSCI) modules
–
UART mode provides NRZ format and half or full duplex interface
–
eSCI bit rate up to 1 Mbps
–
Advanced error detection, and optional parity generation and detection
–
Word length programmable as 8, 9, 12 or 13 bits
–
Separately enabled transmitter and receiver
–
LIN support
–
DMA support
–
Interrupt request support
–
Programmable clock source: system clock or oscillator clock
–
Support Microsecond Channel (Timed Serial Bus - TSB) upstream Version 1.0
●
Two FlexCAN
d.
176-pin and 208-ball packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com