Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC563M64L5 Datasheet(PDF) 34 Page - STMicroelectronics

Part # SPC563M64L5
Description  Calibration external bus interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L5 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button SPC563M64L5 Datasheet HTML 30Page - STMicroelectronics SPC563M64L5 Datasheet HTML 31Page - STMicroelectronics SPC563M64L5 Datasheet HTML 32Page - STMicroelectronics SPC563M64L5 Datasheet HTML 33Page - STMicroelectronics SPC563M64L5 Datasheet HTML 34Page - STMicroelectronics SPC563M64L5 Datasheet HTML 35Page - STMicroelectronics SPC563M64L5 Datasheet HTML 36Page - STMicroelectronics SPC563M64L5 Datasheet HTML 37Page - STMicroelectronics SPC563M64L5 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Device overview
SPC563Mxx
34/48
Doc ID 13850 Rev 6
The DSPI supports these SPI features:
●
Full-duplex, synchronous transfers
●
Selectable LVDS Pads working at 40 MHz for SOUT and SCK pins
●
Master and Slave Mode
●
Buffered transmit operation using the TX FIFO with parameterized depth of 4 entries
●
Buffered receive operation using the RX FIFO with parameterized depth of 4 entries
●
TX and RX FIFOs can be disabled individually for low-latency updates to SPI queues
●
Visibility into the TX and RX FIFOs for ease of debugging
●
FIFO Bypass Mode for low-latency updates to SPI queues
●
Programmable transfer attributes on a per-frame basis:
–
Parameterized number of transfer attribute registers (from two to eight)
–
Serial clock with programmable polarity and phase
–
Various programmable delays:
PCS to SCK delay
SCK to PCS delay
Delay between frames
–
Programmable serial frame size of 4 to 16 bits, expandable with software control
–
Continuously held chip select capability
●
6 Peripheral Chip Selects, expandable to 64 with external demultiplexer
●
Deglitching support for up to 32 Peripheral Chip Selects with external demultiplexer
●
DMA support for adding entries to TX FIFO and removing entries from RX FIFO:
–
TX FIFO is not full (TFFF)
–
RX FIFO is not empty (RFDF)
●
6 interrupt conditions:
–
End of queue reached (EOQF)
–
TX FIFO is not full (TFFF)
–
Transfer of current frame complete (TCF)
–
Attempt to transmit with an empty Transmit FIFO (TFUF)
–
RX FIFO is not empty (RFDF)
–
FIFO Underrun (slave only and SPI mode, the slave is asked to transfer data when
the TxFIFO is empty)
–
FIFO Overrun (serial frame received while RX FIFO is full)
●
Modified transfer formats for communication with slower peripheral devices
●
Continuous Serial Communications Clock (SCK)
●
Power savings via support for Stop Mode
●
Enhanced DSI logic to implement a 32-bit Timed Serial Bus (TSB) configuration,
supporting the Microsecond Channel downstream frame format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com