Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC563M64L5 Datasheet(PDF) 24 Page - STMicroelectronics

Part # SPC563M64L5
Description  Calibration external bus interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L5 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPC563M64L5 Datasheet HTML 20Page - STMicroelectronics SPC563M64L5 Datasheet HTML 21Page - STMicroelectronics SPC563M64L5 Datasheet HTML 22Page - STMicroelectronics SPC563M64L5 Datasheet HTML 23Page - STMicroelectronics SPC563M64L5 Datasheet HTML 24Page - STMicroelectronics SPC563M64L5 Datasheet HTML 25Page - STMicroelectronics SPC563M64L5 Datasheet HTML 26Page - STMicroelectronics SPC563M64L5 Datasheet HTML 27Page - STMicroelectronics SPC563M64L5 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Device overview
SPC563Mxx
24/48
Doc ID 13850 Rev 6
Note:
The calibration EBI must be configured in multiplexed mode when the extended Nexus trace
is used on the VertiCal Calibration Systemcalibration tool. This is because Nexus signals
and address lines of the calibration bus share the same balls in the calibration package.
●
Memory controller with support for various memory types:
–
Asynchronous/legacy flash and SRAM
●
Bus monitor
–
User selectable
–
Programmable time-out period (with 8 external bus clock resolution)
●
Configurable wait states (via chip selects)
●
3 chip-select (Cal_CS[0], Cal_CS[2:3]) signals (Multiplexed with 2 most significant
address signals)
●
2 write/byte enable (WE[0:1]/BE[0:1]) signals
●
Configurable bus speed modes
–
system frequency
–
1/2 of system frequency
–
1/4 of system frequency
●
Optional automatic CLKOUT gating to save power and reduce EMI
●
Selectable drive strengths; 10 pF, 20 pF, 30 pF, 50 pF
3.3.7
SIU
The SPC563Mxx SIU controls MCU reset configuration, pad configuration, external
interrupt, general purpose I/O (GPIO), internal peripheral multiplexing, and the system reset
operation. The reset configuration block contains the external pin boot configuration logic.
The pad configuration block controls the static electrical characteristics of I/O pins. The
GPIO block provides uniform and discrete input/output control of the I/O pins of the MCU.
The reset controller performs reset monitoring of internal and external reset sources, and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com