Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR9-Auto Datasheet(PDF) 162 Page - STMicroelectronics

Part # ST72361AR9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR9-Auto Datasheet(HTML) 162 Page - STMicroelectronics

Back Button ST72361AR9-Auto Datasheet HTML 158Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 159Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 160Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 161Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 162Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 163Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 164Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 165Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 279 page
background image
LINSCI serial communication interface (LIN master/slave)
ST72361xx-Auto
162/279
Doc ID 12468 Rev 3
When an overrun error occurs:
●
The OR bit is set.
●
The RDR content will not be lost.
●
The shift register will be overwritten.
●
An interrupt is generated if the RIE bit is set and the I[|1:0] bits are cleared in the CCR
register.
The OR bit is reset by an access to the SCISR register followed by a SCIDR register read
operation.
Noise error
Oversampling techniques are used for data recovery by discriminating between valid
incoming data and noise.
When noise is detected in a character:
●
The NF bit is set at the rising edge of the RDRF bit.
●
Data is transferred from the shift register to the SCIDR register.
●
No interrupt is generated. However this bit rises at the same time as the RDRF bit
which itself generates an interrupt.
The NF bit is reset by a SCISR register read operation followed by a SCIDR register read
operation.
Framing error
A framing error is detected when:
●
The stop bit is not recognized on reception at the expected time, following either a
desynchronization or excessive noise.
●
A break is received.
When the framing error is detected:
●
the FE bit is set by hardware
●
Data is transferred from the shift register to the SCIDR register.
●
No interrupt is generated. However this bit rises at the same time as the RDRF bit
which itself generates an interrupt.
The FE bit is reset by a SCISR register read operation followed by a SCIDR register read
operation.
Break character
●
When a break character is received, the SCI handles it as a framing error. To
differentiate a break character from a framing error, it is necessary to read the SCIDR.
If the received value is 00h, it is a break character. Otherwise it is a framing error.
Conventional baud rate generation
The baud rates for the receiver and transmitter (Rx and Tx) are set independently and
calculated as follows:
Tx =
(16*PR)*TR
fCPU
Rx =
(16*PR)*RR
fCPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com