Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR9-Auto Datasheet(PDF) 165 Page - STMicroelectronics

Part # ST72361AR9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR9-Auto Datasheet(HTML) 165 Page - STMicroelectronics

Back Button ST72361AR9-Auto Datasheet HTML 161Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 162Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 163Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 164Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 165Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 166Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 167Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 168Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 279 page
background image
ST72361xx-Auto
LINSCI serial communication interface (LIN master/slave)
Doc ID 12468 Rev 3
165/279
Idle line detection
Receiver wakes up by idle line detection when the receive line has recognized an Idle Line.
Then the RWU bit is reset by hardware but the IDLE bit is not set.
This feature is useful in a multiprocessor system when the first characters of the message
determine the address and when each message ends by an idle line: As soon as the line
becomes idle, every receivers is waken up and analyze the first characters of the message
which indicates the addressed receiver. The receivers which are not addressed set RWU bit
to enter in mute mode. Consequently, they will not treat the next characters constituting the
next part of the message. At the end of the message, an idle line is sent by the transmitter:
this wakes up every receivers which are ready to analyze the addressing characters of the
new message.
In such a system, the inter-characters space must be smaller than the idle time.
Address mark detection
Receiver wakes up by address mark detection when it received a “1” as the most significant
bit of a word, thus indicating that the message is an address. The reception of this particular
word wakes up the receiver, resets the RWU bit and sets the RDRF bit, which allows the
receiver to receive this word normally and to use it as an address word.
This feature is useful in a multiprocessor system when the most significant bit of each
character (except for the break character) is reserved for Address Detection. As soon as the
receivers received an address character (most significant bit = ’1’), the receivers are waken
up. The receivers which are not addressed set RWU bit to enter in mute mode.
Consequently, they will not treat the next characters constituting the next part of the
message.
15.5.8
Parity control
Hardware byte Parity control (generation of parity bit in transmission and parity checking in
reception) can be enabled by setting the PCE bit in the SCICR1 register. Depending on the
character format defined by the M bit, the possible SCI character formats are as listed in
Table 60.
Note:
In case of wake-up by an address mark, the MSB bit of the data is taken into account and
not the parity bit
Even parity
The parity bit is calculated to obtain an even number of “1s” inside the character made of the
7 or 8 LSB bits (depending on whether M is equal to 0 or 1) and the parity bit.
Table 60.
Character formats(1)
1.
SB = Start Bit, STB = Stop Bit, PB = Parity Bit
M bit
PCE bit
Character format
0
0
|SB| 8 bit data |STB|
1
|SB| 7-bit data |PB|STB|
1
0
|SB| 9-bit data |STB|
1
|SB| 8-bit data |PB|STB|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com