Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR9-Auto Datasheet(PDF) 182 Page - STMicroelectronics

Part # ST72361AR9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR9-Auto Datasheet(HTML) 182 Page - STMicroelectronics

Back Button ST72361AR9-Auto Datasheet HTML 178Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 179Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 180Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 181Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 182Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 183Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 184Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 185Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 279 page
background image
LINSCI serial communication interface (LIN master/slave)
ST72361xx-Auto
182/279
Doc ID 12468 Rev 3
Note:
If the period desynchronization of the slave is +15% (slave too slow), the character “00h”
which represents a sequence of 9 low bits must not be interpreted as a break character (9
bits + 15% = 10.35). Consequently, a valid LIN Synch break must last at least 11 low bits.
LINSCI clock tolerance when synchronized
When synchronization has been performed, following reception of a LIN synch break, the
LINSCI, in LIN mode, has the same clock deviation tolerance as in SCI mode, which is
explained below:
During reception, each bit is oversampled 16 times. The mean of the 8th, 9th and 10th
samples is considered as the bit value.
Consequently, the clock frequency should not vary more than 6/16 (37.5%) within one bit.
The sampling clock is resynchronized at each start bit, so that when receiving 10 bits (one
start bit, 1 data byte, 1 stop bit), the clock deviation should not exceed 3.75%.
15.9.8
Clock deviation causes
The causes which contribute to the total deviation are:
●
DTRA: deviation due to transmitter error.
Note: The transmitter can be either a master or a slave (in case of a slave listening to the
response of another slave).
●
DMEAS: error due to the LIN Synch measurement performed by the receiver.
●
DQUANT: error due to the baud rate quantization of the receiver.
●
DREC: deviation of the local oscillator of the receiver: This deviation can occur during
the reception of one complete LIN message assuming that the deviation has been
compensated at the beginning of the message.
●
DTCL: deviation due to the transmission line (generally due to the transceivers)
All the deviations of the system should be added and compared to the LINSCI clock
tolerance:
DTRA + DMEAS +DQUANT + DREC + DTCL < 3.75%
Figure 86.
Bit sampling in reception mode
RDI LINE
Sample
clock
12345678910
11 12
13
14
15
16
sampled values
One bit time
6/16
7/16
7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com