Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR9-Auto Datasheet(PDF) 183 Page - STMicroelectronics

Part # ST72361AR9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR9-Auto Datasheet(HTML) 183 Page - STMicroelectronics

Back Button ST72361AR9-Auto Datasheet HTML 179Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 180Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 181Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 182Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 183Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 184Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 185Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 186Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 279 page
background image
ST72361xx-Auto
LINSCI serial communication interface (LIN master/slave)
Doc ID 12468 Rev 3
183/279
15.9.9
Error due to LIN synch measurement
The LIN synch field is measured over eight bit times.
This measurement is performed using a counter clocked by the CPU clock. The edge
detections are performed using the CPU clock cycle.
This leads to a precision of 2 CPU clock cycles for the measurement which lasts 16*8*LDIV
clock cycles.
Consequently, this error (DMEAS) is equal to:
2 / (128*LDIVMIN).
LDIVMIN corresponds to the minimum LIN prescaler content, leading to the maximum baud
rate, taking into account the maximum deviation of +/-15%.
15.9.10
Error due to baud rate quantization
The baud rate can be adjusted in steps of 1 / (16 * LDIV). The worst case occurs when the
“real” baud rate is in the middle of the step.
This leads to a quantization error (DQUANT) equal to 1 / (2*16*LDIVMIN).
15.9.11
Impact of clock deviation on maximum baud rate
The choice of the nominal baud rate (LDIVNOM) will influence both the quantization error
(DQUANT) and the measurement error (DMEAS). The worst case occurs for LDIVMIN.
Consequently, at a given CPU frequency, the maximum possible nominal baud rate
(LPRMIN) should be chosen with respect to the maximum tolerated deviation given by the
equation:
DTRA + 2 / (128 * LDIVMIN) + 1 / (2 *16 * LDIVMIN) + DREC + DTCL < 3.75%
Example:
A nominal baud rate of 20Kbits/s at TCPU = 125ns (8 MHz) leads to LDIVNOM = 25d.
LDIVMIN = 25 - 0.15*25 = 21.25
DMEAS = 2 / (128 * LDIVMIN) * 100 = 0.00073%
DQUANT = 1 / (2 * 16 * LDIVMIN) * 100 = 0.0015%
LIN slave systems
For LIN slave systems (the LINE and LSLV bits are set), receivers wake up by LIN synch
break or LIN Identifier detection (depending on the LHDM bit).
Hot plugging feature for LIN slave nodes
In LIN slave mute mode (the LINE, LSLV and RWU bits are set) it is possible to hot plug to a
network during an ongoing communication flow. In this case the SCI monitors the bus on the
RDI line until 11 consecutive dominant bits have been detected and discards all the other
bits received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com