| Electronic Components Datasheet Search |
|
ST72361AR9-Auto Datasheet(PDF) 187 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361AR9-Auto Datasheet(HTML) 187 Page - STMicroelectronics |
|
187 / 279 page ![]() ST72361xx-Auto LINSCI serial communication interface (LIN master/slave) Doc ID 12468 Rev 3 187/279 Bit 4 = LASE LIN Auto Synch Enable. This bit enables the Auto Synch Unit (ASU). It is set and cleared by software. It is only usable in LIN Slave mode. 0: auto synch unit disabled 1: auto synch unit enabled. Bit 3 = LHDM LIN Header Detection Method This bit is set and cleared by software. It is only usable in LIN Slave mode. It enables the Header Detection Method. In addition if the RWU bit in the SCICR2 register is set, the LHDM bit selects the Wake-Up method (replacing the WAKE bit). 0: LIN synch break detection method 1: LIN Identifier field detection method Bit 2 = LHIE LIN Header Interrupt Enable This bit is set and cleared by software. It is only usable in LIN Slave mode. 0: LIN header interrupt is inhibited. 1: An SCI interrupt is generated whenever LHDF = 1. Bit 1 = LHDF LIN Header Detection Flag This bit is set by hardware when a LIN Header is detected and cleared by a software sequence (an access to the SCISR register followed by a read of the SCICR3 register). It is only usable in LIN slave mode. 0: no LIN header detected. 1: LIN header detected. Note: The header detection method depends on the LHDM bit: - If LHDM = 0, a header is detected as a LIN synch break. - If LHDM = 1, a header is detected as a LIN Identifier, meaning that a LIN synch break field + a LIN synch field + a LIN identifier field have been consecutively received. Bit 0 = LSF LIN Synch Field State This bit indicates that the LIN synch field is being analyzed. It is only used in LIN slave mode. In auto synchronization mode (LASE bit = 1), when the SCI is in the LIN synch field State it waits or counts the falling edges on the RDI line. It is set by hardware as soon as a LIN synch break is detected and cleared by hardware when the LIN synch field analysis is finished (see Figure 87). This bit can also be cleared by software to exit LIN synch state and return to idle mode. 0: the current character is not the LIN synch field 1: LIN synch field state (LIN synch field undergoing analysis) Figure 87. LSF bit set and clear LIN Synch LIN Synch Identifier parity bits Field Field Break 11 dominant bits LSF bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |