Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM8S105C4
Description  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 49Page - STMicroelectronics STM8S105C4 Datasheet HTML 50Page - STMicroelectronics STM8S105C4 Datasheet HTML 51Page - STMicroelectronics STM8S105C4 Datasheet HTML 52Page - STMicroelectronics STM8S105C4 Datasheet HTML 53Page - STMicroelectronics STM8S105C4 Datasheet HTML 54Page - STMicroelectronics STM8S105C4 Datasheet HTML 55Page - STMicroelectronics STM8S105C4 Datasheet HTML 56Page - STMicroelectronics STM8S105C4 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 121 page
background image
DocID14771 Rev 15
53/121
STM8S105x4/6
Electrical characteristics
90
10.2
Absolute maximum ratings
Stresses above those listed as ‘absolute maximum ratings’ may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 15. Voltage characteristics
Symbol
Ratings
Min
Max
Unit
VDDx - VSS
Supply voltage (including VDDA and VDDIO)(1)
1. All power (VDD) and ground (VSS) pins must always be connected to the external power supply
-0.3
6.5
V
VIN
Input voltage on true open drain pins (PE1, PE2)(2)
2. IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN > VDD while a negative injection is induced by VIN < VSS. For true open-drain
pads, there is no positive injection current, and the corresponding VIN maximum must always be respected
VSS - 0.3
6.5
V
Input voltage on any other pin(2)
VSS - 0.3
VDD + 0.3
|VDDx - VDD| Variations between different power pins
-
50
mV
|VSSx - VSS| Variations between all the different ground pins
-
50
VESD
Electrostatic discharge voltage
see Absolute maximum ratings
(electrical sensitivity) on
page 89
Table 16. Current characteristics
Symbol
Ratings
Max.(1)
1. Data based on characterization results, not tested in production.
Unit
IVDD
Total current into VDD power lines (source)(2)
2. All power (VDD, VDDIO, VDDA) and ground (VSS, VSSIO, VSSA) pins must always be connected to the external
supply.
100
mA
IVSS
Total current out of VSS ground lines (sink)(1)
80
IIO
Output current sunk by any I/O and control pin
20
Output current source by any I/Os and control pin
-20
ΣIIO
Total output current sourced (sum of all I/O and control pins)
for devices with two VDDIO pins(3)
200
Total output current sourced (sum of all I/O and control pins)
for devices with one VDDIO pin(3)
100
Total output current sunk (sum of all I/O and control pins) for
devices with two VSSIO pins(3)
160
Total output current sunk (sum of all I/O and control pins) for
devices with one VSSIO pin(3)
80
IINJ(PIN) (4) (5)
Injected current on NRST pin
±4
Injected current on OSCIN pin
±4
Injected current on any other pin(6)
±4
ΣIINJ(PIN)(4)
Total injected current (sum of all I/O and control pins)(6)
±20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com