Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM8S105C4
Description  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 57Page - STMicroelectronics STM8S105C4 Datasheet HTML 58Page - STMicroelectronics STM8S105C4 Datasheet HTML 59Page - STMicroelectronics STM8S105C4 Datasheet HTML 60Page - STMicroelectronics STM8S105C4 Datasheet HTML 61Page - STMicroelectronics STM8S105C4 Datasheet HTML 62Page - STMicroelectronics STM8S105C4 Datasheet HTML 63Page - STMicroelectronics STM8S105C4 Datasheet HTML 64Page - STMicroelectronics STM8S105C4 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 121 page
background image
DocID14771 Rev 15
61/121
STM8S105x4/6
Electrical characteristics
90
Low power mode wakeup times
Total current consumption and timing in forced reset state
Current consumption of on-chip peripherals
Subject to general operating conditions for VDD and TA.
Table 28. Wakeup times
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
tWU(WFI)
Wakeup time from wait
mode to run mode(2)
0 to 16 MHz
-
See note(3)
µs
tWU(WFI)
Wakeup time from run
mode(2)
fCPU= fMASTER= 16 MHz
0.56
-
tWU(AH)
Wakeup time active halt
mode to run mode(2)
MVR voltage
regulator on(4)
Flash in
operating
mode(5)
HSI (after
wakeup)
1(6)
2(6)
tWU(AH)
Wakeup time active halt
mode to run mode(2)
MVR voltage
regulator off(4)
Flash in
operating
mode(5)
HSI (after
wakeup)
3(6)
-
tWU(AH)
Wakeup time active halt
mode to run mode(2)
MVR voltage
regulator off(4)
Flash in
operating
mode(5)
HSI (after
wakeup)
48(6)
-
tWU(AH)
Wakeup time active halt
mode to run mode(2)
MVR voltage
regulator off(4)
Flash in
power-down
mode(5)
HSI (after
wakeup)
50(6)
-
tWU(H)
Wakeup time from halt
mode to run mode(2)
Flash in operating mode(5)
52
-
tWU(H)
Wakeup time from halt
mode to run mode(2)
Flash in power-down mode(5)
54
-
1.
Data based on characterization results, not tested in production.
2. Measured from interrupt event to interrupt vector fetch
3. tWU(WFI) = 2 x 1/fmaster + 67 x 1/fCPU
4. Configured by the REGAH bit in the CLK_ICKR register.
5. Configured by the AHALT bit in the FLASH_CR1 register.
6. Plus 1 LSI clock depending on synchronization.
Table 29. Total current consumption and timing in forced reset state
Symbol
Parameter
Conditions
Typ
Max(1)
1. Data guaranteed by design, not tested in production.
Unit
IDD(R)
Supply current in reset
state(2)
2.
Characterized with all I/Os tied to VSS.
VDD = 5 V
500
-
µA
VDD = 3.3 V
400
-
tRESETBL
Reset pin release to
vector fetch
--
150
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com