Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F410XB Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32F410XB
Description  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410XB Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32F410XB Datasheet HTML 60Page - STMicroelectronics STM32F410XB Datasheet HTML 61Page - STMicroelectronics STM32F410XB Datasheet HTML 62Page - STMicroelectronics STM32F410XB Datasheet HTML 63Page - STMicroelectronics STM32F410XB Datasheet HTML 64Page - STMicroelectronics STM32F410XB Datasheet HTML 65Page - STMicroelectronics STM32F410XB Datasheet HTML 66Page - STMicroelectronics STM32F410XB Datasheet HTML 67Page - STMicroelectronics STM32F410XB Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 142 page
background image
Electrical characteristics
STM32F410x8/B
64/142
DocID028094 Rev 5
Table 26. Typical and maximum current consumption in run mode, code with data processing
(ART accelerator disabled) running from Flash memory - VDD = 1.7 V
Symbol
Parameter
Conditions
fHCLK
(MHz)
Voltage
scale
PLL
VCO
(MHz)
(1)
Typ
Max(2)
Unit
TA=
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
TA =
125 °C
IDD
Supply
current in
Run mode
External clock,
all peripherals
enabled(3)(4)
100
S1
200
24.2
26.2
25.7
26.5
27.6
mA
84
S2
168
20.0
21.8
21.4
22.1
23.1
64
S3
128
15.8
17.2
17.0
17.7
18.7
50
S3
100
13.3
16.5
14.4
15.0
16.0
25
S3
100
7.5
9.5
8.3
8.8
9.8
20
S3
160
6.7
8.2
7.3
7.7
8.6
HSI, PLL OFF,
all peripherals
enabled(3)(4)
16
S3
off
5.1
6.4
5.7
6.2
7.1
1
S3
off
0.8
1.0
1.3
1.7
2.6
External clock,
all peripherals
disabled(3)
100
S1
200
18.6
23.0
23.4
23.9
24.9
84
S2
168
15.5
19.3
19.9
20.4
21.4
64
S3
128
12.7
16.1
16.7
17.0
18.0
50
S3
100
10.9
13.9
14.3
14.7
15.7
25
S3
100
6.3
8.1
8.4
8.7
9.7
20
S3
160
5.6
7.2
7.3
7.6
8.4
HSI, PLL OFF,
all peripherals
disabled(3)
16
S3
off
4.3
5.5
5.8
6.2
7.1
1
S3
off
0.8
1.0
1.3
1.6
2.5
1. Refer to Table 44 and RM0401 for the possible PLL VCO setting
2. Guaranteed by characterization, unless otherwise specified.
3. When the ADC is ON (ADON bit set in ADC_CR2), an additional power consumption of 1.6 mA must be added.
4. Add an additional power consumption of 1.6 mA per ADC for the analog part. In applications, this consumption occurs only
while the ADC is ON (ADON bit is set in the ADC_CR2 register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com