Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F410XB Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM32F410XB
Description  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410XB Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32F410XB Datasheet HTML 38Page - STMicroelectronics STM32F410XB Datasheet HTML 39Page - STMicroelectronics STM32F410XB Datasheet HTML 40Page - STMicroelectronics STM32F410XB Datasheet HTML 41Page - STMicroelectronics STM32F410XB Datasheet HTML 42Page - STMicroelectronics STM32F410XB Datasheet HTML 43Page - STMicroelectronics STM32F410XB Datasheet HTML 44Page - STMicroelectronics STM32F410XB Datasheet HTML 45Page - STMicroelectronics STM32F410XB Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 142 page
background image
Port B
PB0
-
TIM1_CH2N
-
-
-
-
SPI5_SCK/
I2S5_CK
-
-
-
-
-
-
-
-
EVENTOUT
PB1
-
TIM1_CH3N
-
-
-
-
SPI5_NSS/
I2S5_WS
-
-
-
-
-
-
-
-
EVENTOUT
PB2
-
LPTIM1_OUT
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PB3
JTDO-
SWO
--
-
I2C4_
SDA
SPI1_SCK/I
2S1_CK
-
USART1_
RX
-
I2C2_
SDA
-
-
-
-
-
EVENTOUT
PB4
JTRST
-
-
-
-
SPI1_MISO
-
-
-
-
-
-
-
-
-
EVENTOUT
PB5
-
LPTIM1_IN1
-
-
I2C1_
SMBA
SPI1_MOSI
/I2S1_SD
-
-
-
-
-
-
-
-
-
EVENTOUT
PB6
-
LPTIM1_ETR
-
-
I2C1_
SCL
--
USART1_
TX
-
-
-
-
-
-
-
EVENTOUT
PB7
-
LPTIM1_IN2
-
-
I2C1_
SDA
--
USART1_
RX
-
-
-
-
-
-
-
EVENTOUT
PB8
-
LPTIM1_OUT
-
-
I2C1_
SCL
-
SPI5_MOSI
/I2S5_SD
-
-
-
-
-
-
-
-
EVENTOUT
PB9
-
-
-
TIM11_
CH1
I2C1_
SDA
SPI2_NSS/
I2S2_WS
--
-
I2C2_
SDA
-
-
-
-
-
EVENTOUT
PB10
-
-
-
-
I2C2_
SCL
SPI2_SCK/
I2S2_CK
I2S1_MCK
-
-
I2C4_
SCL
-
-
-
-
-
EVENTOUT
PB11
TRACED3
-
TIM5_
CH4
-
I2C2_
SDA
I2S2_CKIN
-
-
-
-
-
-
-
-
-
EVENTOUT
PB12
-
TIM1_BKIN
TIM5_
CH1
-
I2C2_
SMBA
SPI2_NSS/
I2S2_WS
-
-
-
-
-
-
-
-
-
EVENTOUT
PB13
-
TIM1_CH1N
-
-
I2C4_
SMBA
SPI2_SCK
/I2S2_CK
-
-
-
-
-
-
-
-
-
EVENTOUT
PB14
-
TIM1_CH2N
-
-
I2C4_
SDA
SPI2_MISO
-
-
-
-
-
-
-
-
-
EVENTOUT
PB15
RTC_
50Hz
TIM1_CH3N
-
-
I2C4_
SCL
SPI2_MOSI
/I2S2_SD
-
-
-
-
-
-
-
-
-
EVENTOUT
Table 10. Alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS_AF
TIM1/LPTIM1
TIM5
TIM9/
TIM11
I2C1/I2C2
/I2C4
SPI1/I2S1/S
PI2/I2S2
SPI1/I2S1/
SPI2/I2S2/
SPI5/I2S5
USART1/
USART2
USART6
I2C2/
I2C4
--
--
-
SYS_AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com