Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F410XB Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32F410XB
Description  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410XB Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32F410XB Datasheet HTML 8Page - STMicroelectronics STM32F410XB Datasheet HTML 9Page - STMicroelectronics STM32F410XB Datasheet HTML 10Page - STMicroelectronics STM32F410XB Datasheet HTML 11Page - STMicroelectronics STM32F410XB Datasheet HTML 12Page - STMicroelectronics STM32F410XB Datasheet HTML 13Page - STMicroelectronics STM32F410XB Datasheet HTML 14Page - STMicroelectronics STM32F410XB Datasheet HTML 15Page - STMicroelectronics STM32F410XB Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 142 page
background image
Description
STM32F410x8/B
12/142
DocID028094 Rev 5
2
Description
The STM32F410X8/B devices are based on the high-performance ARM® Cortex® -M4 32-
bit RISC core operating at a frequency of up to 100 MHz. Their Cortex®-M4 core features a
Floating point unit (FPU) single precision which supports all ARM single-precision data-
processing instructions and data types. It also implements a full set of DSP instructions and
a memory protection unit (MPU) which enhances application security.
The STM32F410X8/B belong to the STM32 Dynamic Efficiency
™ product line (with
products combining power efficiency, performance and integration) while adding a new
innovative feature called Batch Acquisition Mode (BAM) allowing to save even more power
consumption during data batching.
The STM32F410X8/B incorporate high-speed embedded memories (up to 128 Kbytes of
Flash memory, 32 Kbytes of SRAM), and an extensive range of enhanced I/Os and
peripherals connected to two APB buses, one AHB bus and a 32-bit multi-AHB bus matrix.
All devices offer one 12-bit ADC, one 12-bit DAC, a low-power RTC, three general-purpose
16-bit timers, one PWM timer for motor control, one general-purpose 32-bit timers and one
16-bit low-power timer. They also feature standard and advanced communication interfaces.
•
Up to three I2Cs
•
Three SPIs
•
Three I2Ss
To achieve audio class accuracy, the I2S peripherals can be clocked via the internal
PLL or via an external clock to allow synchronization.
•
Three USARTs.
The STM32F410x8/B are offered in 5 packages ranging from 36 to 64 pins. The set of
available peripherals depends on the selected package. Refer to Table 2: STM32F410x8/B
features and peripheral counts for the peripherals available for each part number.
The STM32F410x8/B operate in the – 40 to +125 °C temperature range from a 1.7 (PDR
OFF) to 3.6 V power supply. A comprehensive set of power-saving mode allows the design
of low-power applications.
These features make the STM32F410x8/B microcontrollers suitable for a wide range of
applications:
•
Motor drive and application control
•
Medical equipment
•
Industrial applications: PLC, inverters, circuit breakers
•
Printers, and scanners
•
Alarm systems, video intercom, and HVAC
•
Home audio appliances
•
Mobile phone sensor hub
Figure 2 shows the general block diagram of the devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com