Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L162XE Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32L162XE
Description  Ultra-low-power platform
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162XE Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32L162XE Datasheet HTML 59Page - STMicroelectronics STM32L162XE Datasheet HTML 60Page - STMicroelectronics STM32L162XE Datasheet HTML 61Page - STMicroelectronics STM32L162XE Datasheet HTML 62Page - STMicroelectronics STM32L162XE Datasheet HTML 63Page - STMicroelectronics STM32L162XE Datasheet HTML 64Page - STMicroelectronics STM32L162XE Datasheet HTML 65Page - STMicroelectronics STM32L162XE Datasheet HTML 66Page - STMicroelectronics STM32L162XE Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 129 page
background image
DocID025882 Rev 6
63/129
STM32L162xE
Electrical characteristics
111
Table 18. Current consumption in Run mode, code with data processing running from
RAM
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1) Unit
IDD
(Run
from
RAM)
Supply current
in Run mode,
code executed
from RAM,
Flash switched
off
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2
above 16 MHz
(PLL ON)(2)
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
1 MHz
200
470
µA
2 MHz
360
780
4 MHz
685
1200
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
4 MHz
0.80
1.5
mA
8 MHz
1.6
3
16 MHz
3.1
5
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
8 MHz
1.9
3.5
16 MHz
3.7
5.55
32 MHz
7.55
10.9
HSI clock source
(16 MHz)
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
16 MHz
3.15
4.8
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
32 MHz
7.75
11.7
MSI clock, 65 kHz
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
65 kHz
40
130
µA
MSI clock, 524 kHz
524 kHz
115
215
MSI clock, 4.2 MHz
4.2 MHz
715
1100
1. Guaranteed by characterization results, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com