Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L162XE Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32L162XE
Description  Ultra-low-power platform
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162XE Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32L162XE Datasheet HTML 60Page - STMicroelectronics STM32L162XE Datasheet HTML 61Page - STMicroelectronics STM32L162XE Datasheet HTML 62Page - STMicroelectronics STM32L162XE Datasheet HTML 63Page - STMicroelectronics STM32L162XE Datasheet HTML 64Page - STMicroelectronics STM32L162XE Datasheet HTML 65Page - STMicroelectronics STM32L162XE Datasheet HTML 66Page - STMicroelectronics STM32L162XE Datasheet HTML 67Page - STMicroelectronics STM32L162XE Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 129 page
background image
Electrical characteristics
STM32L162xE
64/129
DocID025882 Rev 6
Table 19. Current consumption in Sleep mode
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
IDD (Sleep)
Supply current
in Sleep
mode, Flash
OFF
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2
above 16 MHz (PLL
ON)(2)
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
1 MHz
51
220
µA
2 MHz
81
300
4 MHz
140
380
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
4 MHz
175
500
8 MHz
330
700
16 MHz
625
1100
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
8 MHz
395
800
16 MHz
760
1250
32 MHz
1700
2700
HSI clock source
(16 MHz)
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
16 MHz
670
1100
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
32 MHz
1750
2700
MSI clock, 65 kHz
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
65 kHz
19
92
MSI clock, 524 kHz
524 kHz
33
110
MSI clock, 4.2 MHz
4.2 MHz
150
273
Supply current
in Sleep
mode, Flash
ON
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2
above 16 MHz (PLL
ON)(2)
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
1 MHz
63
250
2 MHz
93
300
4 MHz
155
380
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
4 MHz
190
500
8 MHz
340
700
16 MHz
640
1120
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
8 MHz
410
800
16 MHz
770
1300
32 MHz
1750
2700
HSI clock source
(16 MHz)
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
16 MHz
690
1160
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
32 MHz
1750
2800
Supply current
in Sleep
mode, Flash
ON
MSI clock, 65 kHz
Range 3,
VCORE=1.2V
VOS[1:0] = 11
65 kHz
31
105
MSI clock, 524 kHz
524 kHz
45
125
MSI clock, 4.2 MHz
4.2 MHz
160
290
1. Guaranteed by characterization results, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com