| Electronic Components Datasheet Search |
|
STM32L162XE Datasheet(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L162XE Datasheet(HTML) 42 Page - STMicroelectronics |
|
42 / 129 page ![]() Pin descriptions STM32L162xE 42/129 DocID025882 Rev 6 133 89 55 B5 PB3 I/O FT JTDO TIM2_CH2/SPI1_SCK/ SPI3_SCK/ I2S3_CK/ LCD_SEG7/JTDO COMP2_INM 134 90 56 A5 PB4 I/O FT NJTRST TIM3_CH1/SPI1_MISO/ SPI3_MISO/ LCD_SEG8/NJTRST COMP2_INP 135 91 57 A6 PB5 I/O FT PB5 TIM3_CH2/I2C1_SMBA/ SPI1_MOSI/ SPI3_MOSI/I2S3_SD/ LCD_SEG9 COMP2_INP 136 92 58 C5 PB6 I/O FT PB6 TIM4_CH1/I2C1_SCL/ USART1_TX COMP2_INP 137 93 59 B6 PB7 I/O FT PB7 TIM4_CH2/I2C1_SDA/ USART1_RX COMP2_INP/PVD_IN 138 94 60 A7 BOOT0 I B BOOT0 - - 139 95 61 D5 PB8 I/O FT PB8 TIM4_CH3/TIM10_CH1/ I2C1_SCL/LCD_SEG16 - 140 96 62 C6 PB9 I/O FT PB9 TIM4_CH4/ TIM11_CH1/I2C1_SDA/ LCD_COM3 - 141 97 - B7 PE0 I/O FT PE0 TIM4_ETR/TIM10_CH1/ LCD_SEG36 - 142 98 - A8 PE1 I/O FT PE1 TIM11_CH1/LCD_SEG37 - 143 99 63 C7 VSS_3 S- VSS_3 -- 144 100 64 B8, A9 VDD_3 S- VDD_3 -- 1. I = input, O = output, S = supply. 2. Function availability depends on the chosen device. 3. The PC14 and PC15 I/Os are only configured as OSC32_IN/OSC32_OUT when the LSE oscillator is ON (by setting the LSEON bit in the RCC_CSR register). The LSE oscillator pins OSC32_IN/OSC32_OUT can be used as general-purpose PH0/PH1 I/Os, respectively, when the LSE oscillator is off (after reset, the LSE oscillator is off). The LSE has priority over the GPIO function. For more details, refer to Using the OSC32_IN/OSC32_OUT pins as GPIO PC14/PC15 port pins section in the STM32L151xx, STM32L152xx and STM32L162xx reference manual (RM0038). 4. The PH0 and PH1 I/Os are only configured as OSC_IN/OSC_OUT when the HSE oscillator is ON (by setting the HSEON bit in the RCC_CR register). The HSE oscillator pins OSC_IN/OSC_OUT can be used as general-purpose PH0/PH1 I/Os, respectively, when the HSE oscillator is off (after reset, the HSE oscillator is off). The HSE has priority over the GPIO function. Table 8. STM32L162xE pin definitions (continued) Pins Pin name Main function(2) (after reset) Pin functions Alternate functions Additional functions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |