Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C4M16S Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS4C4M16S
Description  Fully synchronous operation
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M16S Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS4C4M16S Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
FEBRUARY 2011
AS4C4M16S
Commands
1
BankActivate
(RAS# = "L", CAS# = "H", WE# = "H", BAs = Bank, A0-A11 = Row Address)
The Bank Activate command activates the idle bank designated by the BA0, 1 signal. By latching the
row address on A0 to A11 at the time of this command, the selected row access is initiated. The read or
write operation in the same bank can occur after a time delay of tRCD(min.) from the time of bank
activation. A subsequent BankActivate command to a different row in the same bank can only be issued
after the previous active row has been precharged (refer to the following figure). The minimum time
interval between successive Bank Activate commands to the same bank is defined by tRC(min.). The
SDRAM has four internal banks on the same chip and shares part of the internal circuitry to reduce chip
area; therefore it restri cts the back-to-back activation of the two banks. tRRD(min.) specifies the minimum
time required between activating different banks. After this command is used, the Write command and
the Block Write command perform the no mask write operation.
CLK
T0
T1
T2
T3
Tn+3
Tn+4
Tn+5
Tn+6
ADDRESS
Bank A
Row Addr.
Bank A
Col Addr.
Bank B
Row Addr.
Bank A
Row Addr.
RAS# - CAS# delay(tRCD)
RAS# - RAS# delay time(tRRD)
COMMAND
Bank A
Activate
NOP
NOP
R/W A with
AutoPrecharge
Bank B
Activate
NOP
NOP
Bank A
Activate
RAS# - Cycle time(tRC)
AutoPrecharge
Begin
Don’t Care
Figure 3. BankActivate Command Cycle (Burst Length = n)
2
Bank Precharge command
(RAS# = "L", CAS# = "H", WE# = "L", BAs = Bank, A10 = "L", A0-A9 and A11 = Don't care)
The BankPrecharge command precharges the bank designated by BA signal. The precharged bank
is switched from the active state to the idle state. This command can be asserted anytime after t RAS(min.)
is satisfied from the BankActivate command in the desired bank. The maximum time any bank can be
active is specified by tRAS(max.). Therefore, the precharge function must be performed in any active bank
within tRAS(max.). At the end of precharge, the precharged bank is still in the idle state and is ready to be
activated again.
3
Precharge All command
(RAS# = "L", CAS# = "H", WE# = "L", BAs = D
on’t care, A10 = "H", A0-A9 and A11 = Don't care)
The PrechargeAll command precharges all banks simultaneously and can be issued even if all
banks are not in the active state. All banks are then switched to the idle state.
4
Read command
(RAS# = "H", CAS# = "L", WE# = "H", BAs = Bank, A10 = "L", A0-A7 = Column Address)
The Read command is used to read a burst of data on consecutive clock cycles from an active row
in an active bank. The bank must be active for at least t
RCD
(min.) before the Read command is issued.
During read bursts, the valid data-out element from the starting column address will be available following
the CAS# latency after the issue of the Read co mmand. Each subsequent data-out element will be valid
by the next positive clock edge (refer to the followi ng figure). The DQs go into high-impedance at the end
of the burst unless other command is initiated. The burst length, bur st sequence, and CAS# latency are
determined by the mode register, which is already programmed. A full-page burst will continue until
terminated (at the end of the page it will wrap to column 0 and continue.
6
Rev2.0 May 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com