Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APDS-9009 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # APDS-9009
Description  Digital UV and Ambient Light Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

APDS-9009 Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button APDS-9009 Datasheet HTML 2Page - Broadcom Corporation. APDS-9009 Datasheet HTML 3Page - Broadcom Corporation. APDS-9009 Datasheet HTML 4Page - Broadcom Corporation. APDS-9009 Datasheet HTML 5Page - Broadcom Corporation. APDS-9009 Datasheet HTML 6Page - Broadcom Corporation. APDS-9009 Datasheet HTML 7Page - Broadcom Corporation. APDS-9009 Datasheet HTML 8Page - Broadcom Corporation. APDS-9009 Datasheet HTML 9Page - Broadcom Corporation. APDS-9009 Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Broadcom
- 6 -
APDS-9200
Data Sheet
Figure 14 Normalized ALS Responsitivity vs. Angular
Displacement
Figure 15 System State Machine
Start Up after Power-On or Software Reset
The main state machine is set to “Start State” during power-on
or software reset. As soon as the reset is released, the internal
oscillator is started and the programmed I2C address and the
trim values are read from the internal trimming data block. The
APDS-9200 enters Standby Mode as soon as the idle state is
reached.
NOTE
As long as the I2C address has not yet been
read, the device will respond with NACK to
any I2C command and ignore any request to
avoid responding to a wrong I²C address.
Standby Mode
Standby Mode is the default mode after power-up. In this state,
the oscillator, all internal support blocks, and the ADCs are
switched off but I2C™ communication is fully supported.
ALS and UVS Operation
ALS measurements can be activated by setting the LS_EN bit
to 1 and the UVS_Mode bit to 0 in the MAIN_CTRL register.
UV measurements can be activated by setting the LS_EN bit to
1 and the UVS_Mode bit to 1 in the MAIN_CTRL register.
As soon as ALS or UVS become activated through an I2C
command, the internal support blocks are powered on. Once
the voltages and currents are settled (typically after 5 ms), the
state machine checks for trigger events from a measurement
scheduler to start the ALS or UVS conversions according to the
selected measurement repeat rates.
Once LS_EN is changed back to 0, a conversion running on the
respective channel will be completed and the relevant ADCs
and support blocks will move to standby mode.
Interrupt Features
APDS-9200 generates independent Light sensor (ALS/UVS
depend on configuration) interrupt signal that can be
multiplexed and output to the INT pad. The interrupt
conditions are always evaluated after completion of a new
conversion on the LS channels.
Light Sensor Interrupt
The LS interrupt is enabled by LS_INT_EN = 1. It can function as
either threshold triggered (LS_VAR_MODE = 0) or variance
trigged (LS_VAR_MODE = 1). The LS interrupt source generator
either uses the ALS_DATA or the UVS_DATA registers at input.
The LS interrupt source is selected by the LS_INT_SEL bits in
the INT_CFG register.
The Light Sensor threshold interrupt is enabled with
LS_INT_EN = 1 and LS_VAR_MODE = 0. It is set when the data
of the selected LS_DATA input register (ALS_DATA or
UVS_DATA) is above the upper or below the lower threshold for
a specified number of consecutive measurements.
The Light Sensor variance interrupt is enabled with
LS_INT_EN = 1 and LS_VAR_MODE = 1. It is set when the
absolute value of the difference between the previous and
current LS_DATA data value is above the decoded LS variance
threshold for a specified number of consecutive
measurements.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
-90 -80 -70 -60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90
Angle (Deg)
Start
NVM Read
Idle
Wait for OSC Power Up
Check ALS or UVS
Do UVS Conversion
Do ALS Conversion
LS_EN==0
LS_EN==1
UVS_MODE==0
LS_EN==1
UVS_MODE==1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com