Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APDS-9009 Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # APDS-9009
Description  Digital UV and Ambient Light Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

APDS-9009 Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button APDS-9009 Datasheet HTML 3Page - Broadcom Corporation. APDS-9009 Datasheet HTML 4Page - Broadcom Corporation. APDS-9009 Datasheet HTML 5Page - Broadcom Corporation. APDS-9009 Datasheet HTML 6Page - Broadcom Corporation. APDS-9009 Datasheet HTML 7Page - Broadcom Corporation. APDS-9009 Datasheet HTML 8Page - Broadcom Corporation. APDS-9009 Datasheet HTML 9Page - Broadcom Corporation. APDS-9009 Datasheet HTML 10Page - Broadcom Corporation. APDS-9009 Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Broadcom
- 7 -
APDS-9200
Data Sheet
I2C Protocol
Interface and control of the APDS-9200 is accomplished
through an I2C serial compatible interface (standard or fast
mode) to a set of registers that provide access to device control
functions and output data. The device supports a single slave
address of 0x52 hex using 7 bit addressing protocol. (Contact
the factory for other addressing options.)
I2C Register Read
The registers can be read individually or in block read mode.
When two or more bytes are read in block read mode, reserved
register addresses are skipped and the next valid address is
referenced. If the last valid address has been reached, but the
master continues with the block read, the address counter in
the device will not roll over and the device returns 00HEX for
every subsequent byte read.
The block read operation is the only way to ensure correct data
read out of multi-byte registers and to avoid splitting of results
with HIGH and LOW bytes originating from different
conversions. During block read access on LS result registers, the
result update is blocked.
If a read access is started on an address belonging to a
non-readable register, the APDS-9200 will re-turn NACK until
the I2C operation is ended.
Read operations must follow the timing diagram in Figure 16.
I2C Register Write
The APDS-9200 registers can be written to individually or in
block write mode. When two or more bytes are written in block
write mode, reserved registers and read-only registers are
skipped. The transmitted data is automatically applied to the
next writable register. If a register includes read (R) and
read/write (RW) bits, the register is not skipped. Data written to
read-only bits are ignored.
If the last valid address of the APDS-9200 address range is
reached but the master attempts to continue the block write
operation, the address counter of the APDS-9200 will not roll
over. The device will return NACK for every following byte sent
by the master until the I2C™ operation is ended.
If a write access is started on an address belonging to a
non-writeable register, the APDS-9200 will return NACK until
the I2C™ operation is ended.
Write operations must follow the timing diagram in Figure 17.
Figure 16 I2C Register Read
Figure 17 I2C Register Write
Register Read (I2CTM Read)
S
Slave Addr
7 Bit
0A
Address
8 Bit
AS
Slave Addr
7 Bit
1A
Data
8 Bit
NP
S
Slave Addr
7 Bit
0A
Address
8 Bit
AS
Slave Addr
7 Bit
1A
Data
8-Bit
A
Data
8-Bit
A…
Data
8-Bit
NP
From Master to Slave
From Slave to Master
S
P
A
N
Start Condi on
Stop Condi on
Acknowledge (ACK)
Not Acknowledge (NACK)
Read
Write
Read
Write
Register Block Read (I2CTM Read)
S
Slave Addr
7 Bit
0
A
Address
A
Data
8-Bit
AP
S
Slave Addr
7 Bit
0
A
Address
A
Data
8-Bit
A
Data
8-Bit
A…
Data
8-Bit
AP
Write
Write
Register Write (I2CTM Write)
From Master to Slave
From Slave to Master
S
P
A
N
Start Condi on
Stop Condi on
Acknowledge (ACK)
Not Acknowledge (NACK)
Register Block Write (I2CTM Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com