Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APDS-9009 Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # APDS-9009
Description  Digital UV and Ambient Light Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

APDS-9009 Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button APDS-9009 Datasheet HTML 4Page - Broadcom Corporation. APDS-9009 Datasheet HTML 5Page - Broadcom Corporation. APDS-9009 Datasheet HTML 6Page - Broadcom Corporation. APDS-9009 Datasheet HTML 7Page - Broadcom Corporation. APDS-9009 Datasheet HTML 8Page - Broadcom Corporation. APDS-9009 Datasheet HTML 9Page - Broadcom Corporation. APDS-9009 Datasheet HTML 10Page - Broadcom Corporation. APDS-9009 Datasheet HTML 11Page - Broadcom Corporation. APDS-9009 Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Broadcom
- 8 -
APDS-9200
Data Sheet
Figure 18 I2C Interface – Bus Timing
Table 6 Bus Timing Characteristics
Parameter
Symbol
Standard Mode
Fast Mode
Units
Maximum SCL Clock Frequency
fSCL
100
400
KHz
Minimum START Condition Hold Time Relative to SCL Edge
tDSTA
4
μs
Minimum SCL Clock Low Width
tLOW
4.7
μs
Minimum SCL Clock High Width
tHIGH
4
μs
Minimum START Condition Setup Time Relative to SCL Edge
tSUSTA
4.7
μs
Minimum Data Hold Time on SDA Relative to SCL Edge
tHDDAT
0
μs
Minimum Data Setup Time on SDA Relative to SCL Edge
tSUDAT
0.1
0.1
μs
Minimum STOP Condition Setup Time on SCL
tSUSTO
4
μs
Minimum Bus Free Time Between Stop Condition and Start Condition
tBUS
4.7
μs
SDA
SCL
t
LOW
t
HDSTA
t
BUS
t
HDSTA
t
SUDAT
t
SUSTO
t
SUSTA
t
HIGH
t
HDDAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com