Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7468 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7468
Description  TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7468 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7468 Datasheet HTML 1Page - STMicroelectronics TDA7468 Datasheet HTML 2Page - STMicroelectronics TDA7468 Datasheet HTML 3Page - STMicroelectronics TDA7468 Datasheet HTML 4Page - STMicroelectronics TDA7468 Datasheet HTML 5Page - STMicroelectronics TDA7468 Datasheet HTML 6Page - STMicroelectronics TDA7468 Datasheet HTML 7Page - STMicroelectronics TDA7468 Datasheet HTML 8Page - STMicroelectronics TDA7468 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
TDA7468
Table 2. ABSOLUTE MAXIMUM RATINGS
Table 3. THERMAL DATA
Table 4. QUICK REFERENCE DATA
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
10.5
V
Tamb
Operating Ambient Temperature
0 to 70
°C
Tstg
Storage Temperature Range
-55 to 150
°C
Symbol
Parameter
Value
Unit
Rth j-pin
Thermal Resistance Junction-pins
85
°C/W
Symbol
Parameter
Min.
Typ.
Max.
Unit
VS
Supply Voltage
5
9
10
V
VCL
Max. input signal handling
2
Vrms
THD
Total Harmonic Distortion VI = 1Vrms; f = 1KHz
0.01
%
%
Total Harmonic Distortion VI = 0.1Vrms; f = 1KHz
0.1
%
S/N
Signal to Noise Ratio Vout = 1Vrms (0dB)
100
dB
SC
Channel Separation f = 1KHz
90
dB
Input Gain (2dB step)
0
14
dB
Volume Control (1dB step)
-87
0
dB
Treble Control (2dB step)
-14
+14
dB
Bass Control (2dB step)
-14
+14
dB
Mute Attenuation
86
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com