Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7468 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7468
Description  TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7468 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7468 Datasheet HTML 1Page - STMicroelectronics TDA7468 Datasheet HTML 2Page - STMicroelectronics TDA7468 Datasheet HTML 3Page - STMicroelectronics TDA7468 Datasheet HTML 4Page - STMicroelectronics TDA7468 Datasheet HTML 5Page - STMicroelectronics TDA7468 Datasheet HTML 6Page - STMicroelectronics TDA7468 Datasheet HTML 7Page - STMicroelectronics TDA7468 Datasheet HTML 8Page - STMicroelectronics TDA7468 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TDA7468
4/23
ELECTRICAL CHARACTERISTICS
(refer to the test circuit Tamb = 25°C, VS = 9V, f = 1KHz all controls flat (G = 0dB), unless otherwise
specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
VS
Supply Voltage
5
9
10
V
IS
Supply Current
9
mA
SVR
Ripple Rejection
60
90
dB
INPUT STAGE
RIN
Input Resistance
35
50
65
K
Ω
VCL
Clipping Level
THD = 0.3%
2
2.5
Vrms
SIN
Input Separation
80
100
dB
Ginmin
Minimum Input Gain
-1
0
1
dB
Ginmax
Maximum Input Gain
14
dB
Gstep
Step Resolution
2
dB
MIC
RIN
Input Resistance
35
50
65
K
Ω
Gmic1
Mic Input Gain 1
14
dB
Gmic2
Mic Input Gain 2
10
dB
Gmic3
Mic Input Gain 3
6
dB
Gmin4
Mic Input Gain 4
0
dB
MIXmic
Mixing Rate
50
%
SURROUND
Rin
Input Resistance
35
50
65
K
Ω
Ginmin
Minimum Input Gain
-1
0
1
dB
Ginmax
Maximum Input Gain
12
dB
GinV
Inverting Gain
-1
Mixmin
Minimum Mixing Rate
0
%
Mixmax
Maximum Mixing Rate
100
%
Crosstal
k
Crosstalk of Mux Output to 100%
IS
40
dB
Gbuffer
Buffer Gain
6dB
VOLUME CONTROL
CRANGE1 Vol 1 Control Range
63
dB
AVMAX1
Vol 1 Max. Attenuation
61
63
65
dB
ASTEP1
Vol 1 Step Resolution
0.5
1
1.5
dB
Match1
Matching
TBD
dB
CRANGE2 Vol 2 Control Range
24
dB
AVMAX2
Vol 2 Max. Attenuation
22
24
26
dB
ASTEP2
Vol 2 Step Resolution
7
8
9
dB
Match2
Matching
TBD
dB
AVMAX1+
AVMAX2
Vol 1 + Vol 2 Max Attenuation
84
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com