Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7468 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7468
Description  TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7468 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7468 Datasheet HTML 1Page - STMicroelectronics TDA7468 Datasheet HTML 2Page - STMicroelectronics TDA7468 Datasheet HTML 3Page - STMicroelectronics TDA7468 Datasheet HTML 4Page - STMicroelectronics TDA7468 Datasheet HTML 5Page - STMicroelectronics TDA7468 Datasheet HTML 6Page - STMicroelectronics TDA7468 Datasheet HTML 7Page - STMicroelectronics TDA7468 Datasheet HTML 8Page - STMicroelectronics TDA7468 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
TDA7468
BASS CONTROL
Gb
Control Range
Max. Boost/cut
±12.0
±14.0
±16.0
dB
BSTEP
Step Resolution
1
2
3
dB
RB
Internal Feedback Resistance
33
44
55
K
Ω
BASS ALC CONTROL
Rattack1
Attack Time Resistor 1
12.5
K
Ω
Rattack2
Attack Time Resistor 2
25
K
Ω
Rattack3
Attack Time Resistor 3
50
K
Ω
Rattack4
Attack Time Resistor 4
100
K
Ω
Thresh1
Threshold 1
700
mVrms
Thresh2
Threshold 2
485
mVrms
Thresh3
Threshold 3
320
mVrms
Thresh4
Threshold 4
170
mVrms
TREBLE CONTROL
Gt
Control Range
Max. Boost/cut
+13.0
+14.0
+15.0
dB
TSTEP
Step Resolution
1
2
3
dB
Rt
Internal Resistance
25
K
Ω
AUDIO OUTPUTS
VOCL
Clipping Level
THD = 0.3%
2
2.5
Vrms
RL
Output Load Resistance
2
K
Ω
VOUT
DC Voltage Level
4.5
V
GENERAL
ENO
Output Noise
BW = 20Hz to 20KHz;
All gains 0dB;
output muted
5
µV
flat
10
15
µV
S/N
Signal to Noise Ratio
All gains 0dB
; VO = 1Vrms ;
100
dB
SC
Channel Separation Left/Right
90
dB
dDistortion
AV = 0; VI = 0.1Vrms ;
0.1
%
AV = 0; VI = 1Vrms ;
0.01
%
SC
Channel Separation left/right
90
dB
Total Tracking Error
0
1
dB
BUS INPUT
VIL
Input Low Voltage
1V
VIH
Input High Voltage
2.5
V
IIN
Input Current
VIN = 0.4V
-5
5
µA
VO
Output Voltage (ACK)
IO = 1.6mA
0.4
0.8
V
ELECTRICAL CHARACTERISTICS (continua)
(refer to the test circuit Tamb = 25°C, VS = 9V, f = 1KHz all controls flat (G = 0dB), unless otherwise
specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com