| Electronic Components Datasheet Search |
|
PC87334VLJ Datasheet(PDF) 60 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87334VLJ Datasheet(HTML) 60 Page - National Semiconductor (TI) |
|
60 / 102 page ![]() 50 FDC Functional Description The PC87334 is software compatible with the DP8473 and 82077 floppy disk controllers Upon a power-on reset the 16 byte FIFO will be disabled Also the disk interface out- puts will be configured as active push-pull outputs which are compatible with both CMOS inputs and open-collector resistor terminated disk drive inputs The FIFO can be en- abled with the Configure command The FIFO can be very useful at the higher data rates with systems that have a large amount of DMA bus latency or with multi-tasking sys- tems such as the EISA or MicroChannel bus structures The FDC will support all the DP8473 Mode command fea- tures as well as some additional features Additional fea- tures include control over the enabling of the FIFO for reads and writes a Non-Burst mode for the FIFO a bit that will configure the disk interface outputs as open-drain outputs and programmability of the DENSEL output 51 MICROPROCESSOR INTERFACE The FDC interface to the microprocessor consists of the A9 – 3 AEN RD and WR lines which access the chip for reads and writes the data lines D7 – 0 the address lines A2 – 0 which select the appropriate register (see Table 3-1) the IRQ6 signal and the DMA interface signals DRQ DACK and TC It is through this microprocessor inter- face that the floppy controller receives commands transfers data and returns status information 52 MODES OF OPERATION The FDC has three modes of operation PC-AT mode PS2 mode and Model 30 mode which are determined by the state of the IDENT pin and MFM pin IDENT can be tied directly to VDD or GND The MFM pin must be tied high or low with a 10k resistor (there is an internal 40k – 50k resistor on the MFM pin) The state of these pins is interrogated by the controller during a chip reset to determine the mode of operation See Section 30 FDC Register Description for more details on the register set used for each mode of oper- ation After chip reset the state of IDENT can be changed to change the polarity of DENSEL (see Section 10 Pin De- scription) PC-AT Mode (IDENT tied high MFM is a don’t care) The PC-AT register set is enabled The DMA enable bit in the Digital Output Register becomes valid (IRQ6 and DRQ can be TRI-STATE) TC and DENSEL become active high sig- nals (defaults to a 525 floppy drive) PS2 Mode (IDENT tied low MFM pulled high internally) This mode supports the PS2 Models 506080 configura- tion and register set The DMA enable bit in the Digital Out- put Register becomes a don’t care (IRQ6 and DRQ signals are always valid) TC and DENSEL become active low sig- nals (default to 35 floppy drive) Model 30 Mode (IDENT tied low MFM pulled low exter- nally) This mode supports the PS2 Model 30 configuration and register set The DMA enable bit in the Digital Output Register becomes valid (IRQ6 and DRQ can be TRI-STATE) TC is active high and DENSEL becomes ac- tive low (default to 35 floppy drive) 53 CONTROLLER PHASES The FDC has three separate phases of a command the Command Phase the Execution Phase and the Result Phase Each of these controller phases determine how data is transferred between the floppy controller and the host microprocessor In addition when no command is in prog- ress the controller is in the Idle Phase or Drive Polling Phase 531 Command Phase During the Command Phase the mP writes a series of bytes to the Data Register The first command byte contains the opcode for the command and the controller knows how many more bytes to expect based on this opcode byte The remaining command bytes contain the particular parameters required for the command The number of command bytes varies for each particular command All the command bytes must be written in the order specified in the Command De- scription Table The Execution Phase starts immediately af- ter the last byte in the Command Phase is written Prior to performing the Command Phase both the Digital Output Register and the data rate should be set with the Data Rate Select Register or Configuration Control Register The Main Status Register controls the flow of command bytes and must be polled by the software before writing each Command Phase byte to the Data Register Prior to writing a command byte the RQM bit (D7) must be set and the DIO bit (D6) must be cleared in the MSR After the first command byte is written to the Data Register the CMD PROG bit (D4) is also set and remains set until the last Result Phase byte is read If there is no Result Phase the CMD PROG bit is cleared after the last command byte is written A new command may be initiated after reading all the result bytes from the previous command If the next command requires selecting a different drive or changing the data rate the DOR and DSR or CCR should be updated If the com- mand is the last command the software should deselect the drive Note As a general rule the operation of the controller core is independent of how the mP updates the DOR DSR and CCR The software must ensure that the manipulation of these registers is coordinated with the controller operation 532 Execution Phase During the Execution Phase the disk controller performs the desired command Commands that involve data trans- fers (eg read write or format operation) require the mPto write or read data to or from the Data Register at this time Some commands such as a Seek or Recalibrate control the readwrite head movement on the disk drive during the Exe- cution Phase via the disk interface signals Execution of oth- er commands does not involve any action by the mP or disk drive and consists of an internal operation by the controller If there is data to be transferred between the mP and the controller during the Execution Phase there are three meth- ods that can be used DMA mode interrupt transfer mode and software polling mode The last two modes are called the Non-DMA modes The DMA mode is used if the system has a DMA controller This allows the mP to do other tasks while the data transfer takes place during the Execution Phase If the Non-DMA mode is used an interrupt is issued for each byte transferred during the Execution Phase Also 60 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |